Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD34D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD34D
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD34D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD34D Datasheet HTML 2Page - Texas Instruments SN65HVD34D Datasheet HTML 3Page - Texas Instruments SN65HVD34D Datasheet HTML 4Page - Texas Instruments SN65HVD34D Datasheet HTML 5Page - Texas Instruments SN65HVD34D Datasheet HTML 6Page - Texas Instruments SN65HVD34D Datasheet HTML 7Page - Texas Instruments SN65HVD34D Datasheet HTML 8Page - Texas Instruments SN65HVD34D Datasheet HTML 9Page - Texas Instruments SN65HVD34D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
SN65HVD30 – SN65HVD39
SLLS665C – SEPTEMBER 2005 – REVISED JULY 2006
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Positive-going differential input threshold
VIT+
IO = –8 mA
–0.02
voltage
V
Negative-going differential input threshold
VIT-
IO = 8 mA
–0.20
voltage
Vhys
Hysteresis voltage (VIT+ - VIT-)
50
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
V
VID = 200 mV, IO = –8 mA, See Figure 8
2.4
VO
Output voltage
V
VID = –200 mV, IO = 8 mA, See Figure 8
0.4
IO(Z)
High-impedance-state output current
VO = 0 or VCC, RE at VCC
–1
1
µA
VA or VB = 12 V
0.05
0.1
HVD31, HVD32,
VA or VB = 12 V, VCC = 0 V
0.06
0.1
Other input
HVD34, HVD35,
mA
at 0V
VA or VB = -7 V
–0.10
–0.04
HVD37, HVD39
VA or VB = -7 V, VCC = 0 V
–0.10
–0.03
IA or
Bus input current
IB
VA or VB = 12 V
0.20
0.35
VA or VB = 12 V, VCC = 0 V
0.24
0.4
HVD30, HVD33,
Other input
mA
HVD36, HVD38
at 0V
VA or VB = -7 V
–0.35
–0.18
VA or VB = -7 V, VCC = 0 V
–0.25
–0.13
IIH
Input current, RE
VIH = 0.8 V or 2 V
–60
µA
CID
Differential input capacitance
VID = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
15
pF
Supply Current
HVD30
2.1
HVD31, HVD32
D at 0 V or VCC and No Load
6.4
mA
HVD36, HVD37
7.9
HVD33
1.8
RE at 0 V, D at 0 V or VCC, DE at 0 V,
HVD34, HVD35
No load (Receiver enabled and driver
2.2
mA
disabled)
HVD38, HVD39
3.8
HVD33, HVD34,
RE at VCC, D at VCC, DE at 0 V,
HVD35, HVD38,
No load (Receiver disabled and driver
0.022
1
µA
HVD39
disabled)
ICC
Supply current
HVD33
2.1
RE at 0 V, D at 0 V or VCC, DE at VCC,
HVD34, HVD35
6.5
No load (Receiver enabled and driver
HVD38
3.5
enabled)
HVD39
8
mA
HVD33
1.8
RE at VCC, D at 0 V or VCC, DE at VCC
HVD34, HVD35
6.2
No load (Receiver disabled and driver
HVD38
2.5
enabled)
HVD39
7
(1)
All typical values are at 25°C and with a 3.3-V supply.
6
Submit Documentation Feedback


Similar Part No. - SN65HVD34D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD34D TI-SN65HVD34D Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34D TI1-SN65HVD34D Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD34DG4 TI-SN65HVD34DG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34DG4 TI1-SN65HVD34DG4 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD34DR TI-SN65HVD34DR Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD34D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com