Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62167EV18 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62167EV18
Description  16-Mbit (1M x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV18 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62167EV18 Datasheet HTML 4Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 5Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 6Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 7Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 8Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 9Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 10Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 11Page - Cypress Semiconductor CY62167EV18 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY62167EV18 MoBL®
Document #: 38-05447 Rev. *G
Page 11 of 13
Figure 11. 48-Ball VFBGA (6 x 8 x 1 mm), 51-85150
Package Diagram
A
1
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.75
B
C
D
E
F
G
H
65
46
5
23
1
D
H
F
G
E
C
B
A
6.00±0.10
A
6.00±0.10
B
1.875
51-85150-*D
[+] Feedback


Similar Part No. - CY62167EV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
CY62167EV18LL-55BAXI CYPRESS-CY62167EV18LL-55BAXI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVI CYPRESS-CY62167EV18LL-55BVI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVI CYPRESS-CY62167EV18LL-55BVI Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62167EV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_06 Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061BV33 CYPRESS-CY7C1061BV33 Datasheet
307Kb / 9P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com