Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA42051 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA42051
Description  Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42051 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA42051 Datasheet HTML 1Page - Sanyo Semicon Device LA42051 Datasheet HTML 2Page - Sanyo Semicon Device LA42051 Datasheet HTML 3Page - Sanyo Semicon Device LA42051 Datasheet HTML 4Page - Sanyo Semicon Device LA42051 Datasheet HTML 5Page - Sanyo Semicon Device LA42051 Datasheet HTML 6Page - Sanyo Semicon Device LA42051 Datasheet HTML 7Page - Sanyo Semicon Device LA42051 Datasheet HTML 8Page - Sanyo Semicon Device LA42051 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
92706 / 83005 MS PC B8-9060 No.A0078-1/9
LA42352
Overview
LA42352 is 5W 2-channel AF power amplifier with DC volume control intended for televisions.
LA42000 series is power IC which made Pin compatible possible altogether in 3 to 15W. They consist of four kinds of power
ICs. (mono, stereo, mono with volume function, stereo with volume function.). They realized PCB layout communalization
of an audio power block of TV.
Channel
PO
Mono
Stereo
Volume
LA42051
5W
°
LA42052
5W
°
LA42351
5W
°
°
LA42352
5W
°
°
LA42071
7W
°
LA42072
7W
°
LA42152
15W
°
Feature
• PO 5W×2ch (VCC = 18V, RL = 8Ω, THD = 10%)
• Built-in DC Volume Control.
• Built-in Standby function.
• Built-in overheat protection.
Ordering number : ENA0078
Monolithic Linear IC
5W 2-Channel AF Power Amplifier
With DC Volume Control
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - LA42051

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42051 SANYO-LA42051 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
More results

Similar Description - LA42051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4814V SANYO-LA4814V Datasheet
582Kb / 17P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com