Selected language     English  ▼


LA72702VA Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA72702VA
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 10 page
background image
LA72702VA
No.A0645-10/11
I
2C Control Table
Grp-1 (Normally use : group-1 only)
D8
D7
D6
D5
D4
D3
D2
D1
Condition
*
0
0
Stereo
0
1
SAP
1
0
Both
1
1
MUTE
*
0
Normal (Auto det)
1
Forced Mono
*
0
SAP SENS LO
1
SAP SENS HI
*
0
Stereo SENS LO
1
Stereo SENS HI
*
0
SAP Level-1
1
SAP Level-2
*
0
SIF mode
1
Base Band mode
*
0
Fix
1
Prohibit (TEST MODE)
* : Shows Initial condition
Read out data
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
0
0
0
0
Fixed
0
Normal
1
SAP det
0
Normal
1
Stereo det
Test mode condition
When STOP condition transform at Grp-1 data-end, controlled NORMAL mode.
Grp-2 (Only test condition : Normally, this data is no-need)
D8
D7
D6
D5
D4
D3
D2
D1
Condition/Monitor position
0
0
0
0
0
0
0
0
Normal (Usually, Fixed)
0
0
0
0
0
0
0
1
TEST-1 SIF output
0
0
0
0
0
0
1
0
TEST-2 SAP BPF
0
0
0
0
0
0
1
1
TEST-3 (reserved)
0
0
0
0
0
1
0
0
TEST-4 ST VCO
0
0
0
0
0
1
0
1
TEST-5 (reserved)
0
0
0
0
0
1
1
0
TEST-6 SAP monitor
0
0
0
0
0
1
1
1
TEST-7 ST monitor
0
0
0
0
1
0
0
0
TEST-8 Pilot cancel monitor
0
0
0
0
1
0
0
1
TEST-9 dbx 2.19k LPF
0
0
0
0
1
0
1
0
TEST-10 dbx 408 LPF
0
0
0
0
1
0
1
1
TEST-11 dbx DET 10k LPF
0
0
0
0
1
1
0
0
TEST-12 dbx SPEC 7.6k LPF
0
0
0
0
1
1
0
1
TEST-13 dbx SPEC output
0
0
0
0
1
1
1
0
TEST-14 (reserved)
0
0
0
0
1
1
1
1
TEST-15 dbx 2.09k LPF
Blanc Bit are no-care




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47202PMonolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47510Monolithic Linear IC BTL 50W×4 Power IC for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl