Selected language     English  ▼


LA72702VA Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA72702VA
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
LA72702VA
PS No.A0645-11/11
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Mode Condition
Detection
control
output
SIGNAL
ST
SAP
System
Mute
Mono
Mode Condition
18
L ch
17
R ch
20
Mode
STEREO
L : NORM
L : NORM
STEREO
L
R
BOTH
L : NORM
L : NORM
MULTI
LR
SAP
SAP
L : NORM
L : NORM
SAP
SAP
SAP
STEREO
L : NORM
H : MONO
MONO
L+R
L+R
BOTH
L : NORM
H : MONO
MONO
L+R
L+R
STEREO
+
SAP
ST
DET
SAP
DET
SAP
L : NORM
H : MONO
MONO
L+R
L+R
3.8V
STEREO
L : NORM
L : NORM
STEREO
L
R
BOTH
L : NORM
L : NORM
STEREO
L
R
SAP
L : NORM
L : NORM
STEREO
L
R
STEREO
L : NORM
H : MONO
MONO
L+R
L+R
BOTH
L : NORM
H : MONO
MONO
L+R
L+R
STEREO
ST
DET
SAP
L : NORM
H : MONO
MONO
L+R
L+R
3.0V
STEREO
L : NORM
L : NORM
MONO
L+R
L+R
BOTH
L : NORM
L : NORM
MULTI
L+R
SAP
SAP
L : NORM
L : NORM
SAP
SAP
SAP
STEREO
L : NORM
H : MONO
MONO
L+R
L+R
BOTH
L : NORM
H : MONO
MONO
L+R
L+R
MONO
+
SAP
SAP
DET
SAP
L : NORM
H : MONO
MONO
L+R
L+R
2.0V
STEREO
L : NORM
L : NORM
MONO
L+R
L+R
BOTH
L : NORM
L : NORM
MONO
L+R
L+R
SAP
L : NORM
L : NORM
MONO
L+R
L+R
STEREO
L : NORM
H : MONO
MONO
L+R
L+R
BOTH
L : NORM
H : MONO
MONO
L+R
L+R
MONO
SAP
L : NORM
H : MONO
MONO
L+R
L+R
1.0V
*
*
*
*
H : MUTE
*
MUTE
OFF
OFF
Each
* : no problem
This catalog provides information as of February, 2007. Specifications and information herein are subject
to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47202PMonolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47510Monolithic Linear IC BTL 50W×4 Power IC for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl