Selected language     English  ▼


LA72702VA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA72702VA
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 2 page
background image
LA72702VA
No.A0645-2/11
Operating Ranges at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
VCC
5.0
V
Allowable operating voltage range
VCC op
4.5 to 5.5
V
Caution : Please use this IC under license contract with THAT Corporation, because this IC is included dbx noise reduction system.
Electrical Characteristics at Ta
= 25°C, VDD = 5.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation
ICC
No signal Inflow current at pin 19, default condition
30
40
50
mA
SIF input level
(Reference)
VILIM
fc = 4.5MHz
Deviation
MONO (300Hz, Mod = 100%, Pre-emphasis ON)
±25kHz
(80)
(90)
(100)
dB
μV
Base band input level
(Reference)
VILIMB
100% Modulation
MONO(L+R) : 530mVp-p (300Hz, Pre-emphasis ON)
SUB(L-R)
: 380mVp-p (300Hz, dbx-NR ON), Pilot : 110mVp-p
SAP
: 300mVp-p (300Hz, dbx-NR ON)
MONO output level
VOMON
fm = 1kHz, 100% Mod, 15kHz LPF
-6.5
-5.5
-4.5
dBV
MONO distortion
THDMON
fm = 1kHz, 100% Mod, 15kHz LPF
0.15
0.6
%
MONO frequency characteristics
FCM1
fm = 3kHz, 30% Mod, Ore-em. ON
* Measure ratio from fm = 1kHz level.
-2
0
2
dB
MONO S/N ratio
SNM
S = VOMON, N = 0% Mod, 15kHz LPF
55
65
dB
STEREO output level
VOST
fm = 1kHz, 100% Mod, 15kHz LPF
-7.0
-5.5
-3.0
dBV
STEREO distortion
THDS
fm = 1kHz, 100% Mod, 15kHz LPF
1.0
2.5
%
STEREO frequency characteristics
FCS1
fm = 3kHz, 30% Mod, 15kHz LPF
* Measure ratio from fm = 1kHz level.
-3
0
3
dB
STEREO S/N ratio
SNS
S = VOST, N = 0% Mod, 15kHz LPF
50
60
dB
STEREO separation 1
STSE1
f = 300Hz (R/L), 30% Mod, 15kHz LPF
15
25
dB
STEREO separation 2
STSE2
f = 3kHz (R/L), 30% Mod, 15kHz LPF
15
25
dB
STEREO Detection level-1
VINSD1
Except Stereo Detection
Stereo Detection
* serial control 1 “SENS HI” Pilot (fH) = 15.73kHz
* Measure Pilot level.
30
35
40
%
STEREO Detection level-2
VINSD2
Except Stereo Detection
Stereo Detection
* serial control “SENS LO”
40
45
50
%
STEREO Detection hysteresis
HYST
Input Mod. Difference at Stereo/Except Stereo Det.
* serial control 1 “SENS HI”
10
20
30
%
SAP output level-1
VOSA1
fm = 1kHz, 100% Mod, 15kHz LPF
* SAP-1 (serial control)
-14.0
-11.0
-8.0
dBV
SAP output level-2
VOSA2
fm = 1kHz, 100% Mod, 15kHz LPF
* SAP-2 (serial control)
-12.0
-9.0
-6.0
dBV
SAP distortion
THDSA
fm = 1kHz, 100% Mod, 15kHz LPF
2.5
3.5
%
SAP S/N ratio
SNSA
S = VOSA, N = 0% Mod, 15kHz LPF
50
60
dB
SAP detection level-1
VINSA1
Except SAP
→ SAP Det.
* serial control 1 “SENS HI” SAP Carrier = 5fH only
* Measure Output level.
10
15
20
%
SAP detection level-2
(Reference)
VINSA2
Except SAP
→ SAP Det.
* serial control 1 “SENS LO”
* Measure Output level.
15
20
25
%
SAP detection hysteresis
HYSA
Input Mod. Difference at SAP/Except SAP Det.
* SAP carrier only.
* serial control 1 “SENS HI”
2
5
10
%
MODE output MONO
MODMO
Input = MONO : f = 1kHz, 0% Mod
0.7
1
1.3
V
MODE output SAP
MODSA
Input = SAP : Carrier
1.6
1.9
2.2
V
MODE output STEREO
MODST
Input = STEREO : Pilot
2.5
2.8
3.1
V
MODE output ST + SAP
MODSS
Input = STEREO : Pilot,
SAP : Carrier
3.5
3.8
4.2
V
* Normally measurement condition is Input = SIF mode (90dBµV)
* " Reference " Items are reference levels, their specs are no-guarantee.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47202PMonolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47510Monolithic Linear IC BTL 50W×4 Power IC for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl