Selected language     English  ▼


LA72702VA Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA72702VA
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
LA72702VA
No.A0645-5/11
Pin Functions
Pin No.
Pin Name
Function
DC voltage
AC level
Equivalent Circuit
1
PCPLDET
Pilot level detect For Stero Detection
DC : 2.4V
2
PC DC IN
AC coupling (Input)
DC : 2.4V
AC : 2.4Vp-p
3
PC DCOUT
AC coupling (Output)
DC : 2.4V
AC : 2.4Vp-p
4
PISIF
Signal input
Common input at SIF, Baseband
DC : 3.7V
5
PC FIL
SIF offset cancel
DC : 2.6V
6
GND
7
CSAPDET
SAP carrier level detect For SAP detection
DC : 2.8V
8
ADDSEL
Slave Address change control
OPEN/GND : 80h
5V
: 84h
DC : 0V
Continued on next page
500
Ω
1k
Ω
2
3
5
1k
Ω
1k
Ω
8
1k
Ω
100k
Ω
1
40k
Ω
40k
Ω
160k
Ω
1k
Ω
5k
Ω
500
Ω
1k
Ω
4
1k
Ω
1k
Ω
1k
Ω
2k
Ω
70k
Ω
7




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV1605MMonolithic Linear IC Analog Signal Processor for CD Players 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47202PMonolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47510Monolithic Linear IC BTL 50W×4 Power IC for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl