Selected language     English  ▼


LA72714VA Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA72714VA
Description  Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 7 page
background image
LA72714VA
No.A0626-7/14
Continued from preceding page.
Pin No.
Pin Name
Function
DC voltage
AC level
Equivalent Circuit
7
JUST CLOCK
OUT
Rectangle wave output for JUST CLOCK.
(OPEN Collector)
100k
Ω Pull-up
8
MUTE
MUTE control pin.
MUTE : 3.0V to
DC : 0V
9
SDA
Serial data input/output pin.
High : 2.5V to 5V
Low : 0V to 1.5V
10
SCL
Serial clock input pin.
High : 2.5V to 5V
Low : 0V to 1.5V
11
TEST1
12
EXTIN R
EXT input Rch
not used : OPEN
DC : 2.4V
-14.5dBV
13
EXTIN L
EXT input Lch
not used : OPEN
DC : 2.4V
-14.5dBV
16
TEST2
Continued on next page
5V
0V
0V
5V
0V
5V
5k
Ω
1k
Ω
100k
Ω
70k
Ω
2.4V
500
Ω
30
μA
500
Ω
30
μA
2.4V
50k
Ω
VCC
1k
Ω
2.4V
50k
Ω
VCC
1k
Ω




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47202PMonolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA5688HMonolithic Linear IC Multi power supply regulator+1.5ch forward/reverse motor driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA47510Monolithic Linear IC BTL 50W×4 Power IC for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl