Selected language     English  ▼


LA73033M Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA73033M
Description  Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 11 page
background image
LA73033M
No.A0646-11/24
Block Diagram and Test Circuits
+
+
GND
(CN2)
GND
(CN3)
GND
(CS2)
Y1.OUT
+
GND
(CS4)
CV.OUT/Y.OUT
+
C.OUT
10k
Ω
VCC
(CN2)
VCC
(B)
GND
(IC)
GND
(B)
GND
(Y)
GND
(C)
GND
(CV)
B_OUT
AGCCTL1
AGCCTL2
EXT-RGB_SW
CSYNC2.OUT
CSYNC.OUT
SCLK
SDATA
VCC
(IC)
Y.OUT/CV.OUT
C.OUT/Cr.OUT/R.OUT
CV.OUT/Cb.OUT/G.OUT
VCC
(Y)
VCC
(C)
VCC
(SY)
VCC
(CV)
GND
(SY)
B.IN
Y4.IN
Y3.IN
Y2.IN
+
GND
(CN1)
GND
(CN4)
pedestal CLAMP
pedestal CLAMP
CLAMP
SYNC
SEP
6dB/9dB
AMP
GND
(CS1)
VCC
(CN1)
VCC
(CN2)
VCC
(CS1)
N.C
N.C
N.C
N.C
N.C
+
GND
(CN3)
+
+
CV6.IN
CV.IN
N.C
N.C
N.C
N.C
N.C
75
Ω
driver
LPF1
LPF2
pedestal CLAMP
CLAMP
6dB/9dB
AMP
75
Ω
driver
pedestal
CLAMP
CLAMP
pedestal
CLAMP
CLAMP
pedestal
CLAMP
CLAMP
LPF1
LPF2
6dB/9dB
AMP
CLAMP
75
Ω
driver
LPF1
LPF2
CLAMP
REG2
6dB/9dB
AMP
CLAMP
CTL LOGIC SERIAL DECORDER
V.SEP
75
Ω
driver
LPF1
LPF1
LPF1
6dB/9dB
AMP
Y/C
MIX
pedestal
CLAMP
synctip
CLAMP
SYNC
SEP
LPF
LPF
75
Ω
driver
6dB/9dB
AMP
0dB/6dB
AMP
SYNC
SELECT
synctip
CLAMP
synctip
CLAMP
synctip
CLAMP
synctip
CLAMP
synctip
CLAMP
SYNC
LPF
SYNC
SEP
AGCAMP
0dB/3dB
75
Ω
driver
6dB
AMP
6dB
AMP
S1/S2
PC_OUT
0dB/6dB
AMP
0dB/6dB
AMP
CLP
PULSE
GEN
6dB
AMP
LPF
REG1
LPF
0dB/6dB
AMP
SYNC
SELECT
synctip
CLAMP
synctip
CLAMP
synctip
CLAMP
synctip
CLAMP
SYNC
LPF
SYNC
SEP
AGCAMP
0dB/3dB
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA78040NTV and CRT Display Vertical Output IC with Bus Control Support 1 2 3 4 Sanyo Semicon Device
LA8120TMonolithic Linear IC AGC Amplifier with Step Gain Control 1 2 3 4 5 MoreSanyo Semicon Device
LA8128TMonolithic Linear IC AGC Amplifier with Step Gain Control 1 2 3 4 5 MoreSanyo Semicon Device
LM3509OLED Displays with Dual Current Sinks and I2C Compatible Brightness Control Coming SoonNational Semiconductor (TI)
LA42352Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control 1 2 3 4 5 MoreSanyo Semicon Device
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
M24128128 Kbit 64 Kbit and 32 Kbit serial I2C bus EEPROM 1 2 3 4 5 MoreSTMicroelectronics
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl