Selected language     English  â–Ľ


LA73033M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA73033M
Description  Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 2 page
background image
LA73033M
No.A0646-2/24
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 75°C * Mounted on a board
1200
mW
Operating temperature
Topg
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
* Mounted on a board : 114.3
Ă—76.1Ă—1.6mm
3, glass epoxy board.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage range
VCC opg
4.75 to 5.25
V
Input pin voltage application range
VIN
VCC opg +0.3 ≤ 7V
-0.3 to VCC opg +0.3
V
Package Dimensions
unit : mm (typ)
3255
SANYO : QFP80(14X14)
14.0
17.2
0.15
0.25
0.65
(0.83)
1
20
21
40
41
60
80
61




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA78040NTV and CRT Display Vertical Output IC with Bus Control Support 1 2 3 4 Sanyo Semicon Device
LA8120TMonolithic Linear IC AGC Amplifier with Step Gain Control 1 2 3 4 5 MoreSanyo Semicon Device
LA8128TMonolithic Linear IC AGC Amplifier with Step Gain Control 1 2 3 4 5 MoreSanyo Semicon Device
LM3509OLED Displays with Dual Current Sinks and I2C Compatible Brightness Control Coming SoonNational Semiconductor (TI)
LA42352Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control 1 2 3 4 5 MoreSanyo Semicon Device
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
M24128128 Kbit 64 Kbit and 32 Kbit serial I2C bus EEPROM 1 2 3 4 5 MoreSTMicroelectronics
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl