Selected language     English  ▼


LA73060V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA73060V
Description  Monolithic Linear IC Wideband 75Ω Video Driver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 4 page
background image
LA73060V
No.A0378-4/10
Continued from preceding page.
Ratings
Parameter
Symbol
SIG
Level
[Vp-p]
Freq.
[Hz]
IN
point
OUT
point
Conditions
min
typ
max
Unit
Video S/N 1
(SD)
VS/N1 (SD)
2
0.65
T4A
T6A
T14A
T12A
T14A
T16A
T1A
T35A
T22A
T30A
T28A
T26A
VIN = Video (50% White),
The band is between 100kHz
and 4.2MHz
-70
-60
dB
Video S/N 2
(HD)
VS/N2 (HD)
2
0.65
T14A
T12A
T14A
T16A
T22A
T30A
T28A
T26A
VIN = Video (50% White),
The band is between 100kHz
and 30MHz
-60
-50
dB
Group delay 1
(SD)
GD1 (SD)
1
0.3
6M
T4A
T6A
T14A
T12A
T14A
T16A
T1
T35
T22
T30
T28
T26
Input / Output delay time.
f=6MHz/100kHz
20
30
ns
Group delay 2
(SD)
GD2 (SD)
3
0.3
6M
T8A
T12A
T16A
T32
T24
T19
Input / Output delay time.
f=6MHz/100kHz
20
30
ns
Group delay 3
(HD)
GD3 (HD)
1
0.3
30M
T14A
T12A
T14A
T16A
T22
T30
T28
T26
Input / Output delay time.
f=30MHz/100kHz
10
20
ns
Group delay 4
(HD)
GD4 (HD)
3
0.3
30M
T12A
T16A
T24
T19
Input / Output delay time.
f=30MHz/100kHz
10
20
ns
Input signal
SIG.1
SIG.2
SIG.3
Truth Table
SW No.
Pin No.
Function
H (2.3V to VCC)
L (0 to 0.7V)
SW1
5
Y/C MIX
OFF
ON
SW2
7
CV Mute control
OFF
ON
SW3
11
Power save control
OFF
ON
SW4
13
Input control
CLAMP ON(RGB Mode)
BIAS ON(Component Mode)
SW5
15
Filter control
6MHz LPF ON(RGB Mode)
30MHz LPF ON(Component Mode)
SW6
17
Output control
RGB ON(RGB Mode)
Component ON(Component Mode)
SW7
20
RGB&Component Mute control
OFF
ON




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
AD8146Triple Differential Driver for Wideband Video 1 2 3 4 5 MoreAnalog Devices
LA5688HMonolithic Linear IC Multi power supply regulator+1.5ch forward/reverse motor driver 1 2 3 4 5 MoreSanyo Semicon Device
LA7605MMonolithic Linear IC Video Signal Processor 1 2 3 Sanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl