Selected language     English  ▼


LA73062V Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA73062V
Description  Monolithic Linear IC Video Driver for Wideband
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 10 page
background image
LA73062V
No.A0909-10/12
Continued from preceding page.
Pin No.
Pin name
DC voltage
Signal wave form
In put / Out put form
P18
GND_HD
P19
N.C.
P20
Pb/B_OUT
Component: 2.4V (Bias)
RGB: 1.3V (Clamp)
P21
GND_DR_HD
P22
Py/G_OUT
1.3V
P23
N.C.
P24
Pr/R_OUT
Component: 2.4V (Bias)
RGB: 1.3V (Clamp)
P25
VCC_DR_HD
P26
N.C.
P27
D_LINE3_OUT
5V: 16:9
2.2V: 4:3 Letter Box
0V: 4:3
Continued on next page.
20
30
30
1.3k
1.5k
1.4Vpp
1.4Vpp
2.4V
1.3V
1.4Vpp
1.4Vpp
2.4V
1.3V
2.0Vpp
1.4Vpp
1.3V
1.3V
27
300
500
µA
OPEN:OFF
High:OFF
Low:OFF
22
30
30
1.3k
1.5k
24
30
30
1.3k
1.5k




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ω Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
AD8146Triple Differential Driver for Wideband Video 1 2 3 4 5 MoreAnalog Devices
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl