Selected language     English  â–¼


LA73062V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA73062V
Description  Monolithic Linear IC Video Driver for Wideband
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 2 page
background image
LA73062V
No.A0909-2/12
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage range
VCCopg
4.75 to 5.25
V
Input pin voltage application range
VIN
-0.3 to Vccopg+0.3
V
Electrical Characteristics at Ta=25
°C, VCC=5.0V
Input signal
Out
Ratings
Parameter
Point
Signal
Level
[Vpp]
Freq
[Hz]
Point
Test Condition
min
typ
max
unit
Current consumption 1
At a no signal.
68
86
104
mA
Current consumption 2
Standby mode. At a no signal.
0.0
0.5
1.0
mA
Internal reference regulator
REG3V
T30
2.8
3.0
3.2
V
Video driver part
Voltage gain 1
CV,Y,Py,R,G,B
T2A
T2A
T15A
T13A
T15A
T17A
SIG1
0.3
100k
T36
T34
T22
T24
T22
T20
Output gain
5.5
6.0
6.5
dB
Voltage gain 2
C,Pr,Pb
T4A
T13A
T17A
SIG3
0.3
100k
T32
T24
T20
Output gain
5.5
6.0
6.5
dB
Frequency response 1(SD)
CV,Y
T2A
T2A
SIG1
0.3
6M
T36
T34
6MHzLPF is selected.
f=6MHz/100kHz
-3.0
0.0
3.0
dB
Frequency response 2(SD)
C
T4A
SIG3
0.3
6M
T32
6MHzLPF is selected.
f=6MHz/100kHz
-3.0
0.0
3.0
dB
Frequency response 3(SD)
CV,Y
T2A
T2A
SIG1
0.3
27M
T36
T34
6MHzLPF is selected.
f=27MHz/100kHz
-40
-30
dB
Frequency response 4(SD)
C
T4A
SIG3
0.3
27M
T32
6MHzLPF is selected.
f=27MHz/100kHz
-40
-30
dB
Frequency response 5(HD)
Py,R,G,B
T15A
T13A
T15A
T17A
SIG1
0.3
12M
T22
T24
T22
T20
12MHzLPF is selected.
f=12MHz/100kHz
-3.0
0.0
3.0
dB
Frequency response 6(HD)
Pr,Pb
T13A
T17A
SIG3
0.3
12M
T24
T20
12MHzLPF is selected.
f=12MHz/100kHz
-3.0
0.0
3.0
dB
Frequency response 7(HD)
Py,R,G,B
T15A
T13A
T15A
T17A
SIG1
0.3
75M
T22
T24
T22
T20
12MHzLPF is selected.
f=75MHz/100kHz
-40
-30
dB
Frequency response 8(HD)
Pr,Pb
T13A
T17A
SIG3
0.3
75M
T24
T20
12MHzLPF is selected.
f=75MHz/100kHz
-40
-30
dB
Frequency response 9(HD)
Py,R,G,B
T15A
T13A
T15A
T17A
SIG1
0.3
20M
T22
T34
T22
T20
30MHzLPF is selected.
f=20MHz/100kHz
-1.0
0.0
1.0
dB
Frequency response 10(HD)
Pr,Pb
T13A
T17A
SIG3
0.3
20M
T24
T20
30MHzLPF is selected.
f=20MHz/100kHz
-1.0
0.0
1.0
dB
Frequency response 11(HD)
Py,R,G,B
T15A
T13A
T15A
T17A
SIG1
0.3
30M
T22
T34
T22
T20
30MHzLPF is selected.
f=30MHz/100kHz
-4.0
-1.5
1.0
dB
Frequency response 12(HD)
Pr,Pb
T13A
T17A
SIG3
0.3
30M
T24
T20
30MHzLPF is selected.
f=30MHz/100kHz
-4.0
-1.5
1.0
dB
Frequency response 13(HD)
Py,R,G,B
T15A
T13A
T15A
T17A
SIG1
0.3
75M
T22
T34
T22
T20
30MHzLPF is selected.
f=75MHz/100kHz
-40
-30
dB
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ω Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
AD8146Triple Differential Driver for Wideband Video 1 2 3 4 5 MoreAnalog Devices
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl