Selected language     English  ā–¼


LA73062V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA73062V
Description  Monolithic Linear IC Video Driver for Wideband
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
LA73062V
No.A0909-5/12
Block Diagram
Please shorten the distance of the bold line to prevent oscillation.
VCC_HD
1 F
Py/G_IN
Pr/R_IN
Pb/B_IN
GND_HD
Pb/B_OUT
Py/G_OUT
VCC_DR_HD
Pr/R_OUT
30MHz
LPF
Driver
MUTE
SW5
Driver
Driver
MUTE
SW5
MUTE
SW5
6dB
N.C.
6dB
6dB
D_LINE3_IN
(High/Open/Low)
CLAMP
D_LINE2_IN
(High/Low)
D_LINE1_OUT
5V/2.2V/0V
5V/0V
5V/2.2V/0V
SW2:Power
Save CTL
GND_DR_HD
Y_IN
0.1 F
C_IN
GND_SD
SW1:SD Mute CTL
C_OUT
S_DET_OUT
VCC_DR_SD
CLAMP
6MHz
LPF
6MHz
LPF
6MHz
LPF
BIAS
100k
+
Driver
MUTE
6dB
Driver
MUTE
6dB
Driver
MUTE
6dB
VCC_SD
D_LINE1_IN
(High/Open/Low)
SW5:HD Mute CTL
S_DET_IN
(High/Open/Low)
GND_DR_SD
SW3:Input CTL
(CLAMP or BIAS)
CLAMP
BIAS
100k
SW3
CLAMP
BIAS
100k
SW3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
+
75
75
+
1000 F
+
12MHz
LPF
SW4
30MHz
LPF
12MHz
LPF
SW4
30MHz
LPF
12MHz
LPF
SW4
REG3V
SW4:Firter CTL
(12MHz or 30MHz)
SW1
SW1
SW1
D_LINE2_OUT
D_LINE3_OUT
N.C.
+
N.C.
VREG_3V
CV_OUT
Y_OUT
+
+
+
VREG_3V
REG3V
REG3V
+
+
+
0.1 F
1 F
1 F
75
75
1000 F
10k
75
1 F
75
47 F
10k
10k
75
75
10k
330 F
1000 F
75
75
75
75
330 F




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ī© Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
AD8146Triple Differential Driver for Wideband Video 1 2 3 4 5 MoreAnalog Devices
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl