Selected language     English  ▼


LA73074CL Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA73074CL
Description  Monolithic Linear IC Video Driver for DSC/Cell Phone
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
LA73074CL
No.A0910-4/6
Pin Functions
Pin No
Symbol
Voltage
Description
Equivalent Circuit
1
AGND
0V
Analog GND
2
GAINCTL
1.2V
Gain select pin
Control of Pin2
GAIN
H(VCC)
9dB
M(OPEN)
12dB
L(GND)
6dB
3
VIN
1.1V
Video input pin
(Sync-chip clamp
(input High-impedance))
4
PSAVCTL
VCC
or
0V
Power save mode select pin
Control of Pin4
MODE
H(VCC)
OPEN
or
VCC±0.5V
STANDBY
L(GND)
0V to 0.3V
ACTIVE
5
GND
0V
Continued on next page.
GAIN SET: 6dB
⇒1.0Vp-p
GAIN SET: 12dB
⇒500mVp-p
GAIN SET: 9dB
⇒710mVp-p
1.1V
GND
VCC
2k
0.72V
1.2V
REF
2.16V
BUF
10
2
5
10
3
5
VCC
VIN
GND
200
Ω 200Ω
26k
Active: ON
Standby: OFF
2k
2k
VCC
GND
50k
50k
50k
4k
10
4
5
PSAVCTL
2k




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl