Selected language     English  â–Ľ


LA73076V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA73076V
Description  Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA73076V
No.A0911-2/7
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended Operating supply voltage
VCCSTD
3.1
V
Operating supply voltage range
VCCRANGE
2.7 to 3.6
V
Electrical Characteristics at Ta = 25
°C, VCC = 3.1V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation part
Current dissipation 1 (Non-signal active mode)
ICC
2pin = Low, Input = White50%
25
37
44
mA
Current dissipation 2 (Non-signal active mode)
ICC2
2pin = Low, Input = No signal
10.0
14
17.5
mA
Current dissipation 3 (Standby mode)
ICC-STBY
2pin = High
0
5.0
µA
Control terminal part
Stand-by control pin H voltage
(SET = STANDBY MODE)
VTH-STBY-H
2 pin voltage range at which
ICC ≤ 5µA
VCC-0.5
VCC
V
Stand-by control pin L voltage
(SET = ACTIVE MODE)
VTH-STBY-L
2 pin voltage range at which
ICC ≥ 5µA
GND
0.5
V
Output control pin H voltage range
(SET=MIX_OUT)
VOUT_M
Voltage in which only output of
MIX is selected
2.2
VCC
V
Output control pin M voltage range
(SET=Y,C_OUT)
VOUT_YC
Voltage in which output of Y and C
is selected
1.5
1.7
V
Output control pin L voltage range
(SET=ALL_OUT)
VOUT_ALL
Voltage in which all outputs are
selected
GND
0.5
V
SW, MUTE control pin voltage range
(SET=MUTE MODE)
VSW_MUTE
As for this voltage, SW selects
MUTE
VCC-0.5
VCC
V
SW, through control pin voltage range
(SET=through MODE)
VSW_THR
As for this voltage, SW selects
through
GND
0.5
V
Y-in
Voltage gain
VGainY
100% white VYIN = 1Vp-p
5.7
6.2
6.7
dB
Vf7.2Y
f = 100kHz/7.2MHz
-1.0
0
+1.0
dB
Freq. characteristics
Vf20Y
f = 100kHz/20MHz
-30
dB
Allowable sync input level
VIN-Sync
VYIN = Black burst, Output R conditions
Mix_out: 150
Ω, Y_out: 150Ω
200
mVp-p
C-in
Voltage gain
Vgainc
VCIN = 350mVp-p
5.7
6.2
6.7
dB
Freq. characteristics
Vf20C
f = 4MHz/20MHz
-25
dB
Package Dimensions
unit : mm (typ)
3178B
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl