Selected language     English  ▼


LA73076V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA73076V
Description  Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
LA73076V
No.A0911-3/7
Pin Assignment, Pin Function Diagram and Block Diagram
VCC
2.2
µF
4.7
µF
75
DR
REG
1µF
← 0V
← 0V
3
C-IN
2
14
MIX-OUT
13
VCC_NVG
15
Y-OUT
12
-VCC
CLAMP
75
75
Ω 0.1µF
0.1
µF
DR
DR
ND
11
P-SAV-CTL
C-OUT
Y-IN
GND
CLK-OUT
7
16
S-CTL
VCC_A
1
µF
RIP-FIL
C-MUTE-CTL
10
8
9
A-GND
Negative
Voltage
Generator
LPF
SW
6dB
6dB
6dB
5
6
4
1
H
MIX Y C
× ×
OUT
L(GND)
M(OPEN) ×
PIN1
PIN2
H(OPEN)
*
L
× × ×
Control
LPF
VCC
from DAC
from DAC
(Note 2)
Position the decoupling
capacitor of VCC-GND
as near as possible to
this IC.
(Note 5)
Use the input capacity value within a range of
0.1
µF to 1µF while checking the sag
condition of the output waveform.
(Note 4)
For these two capacities;
Temperature
characteristic B rank
(±10%)
Electrostatic tolerance
K rank(±10%)
and Withstand voltage
of 6.3V or more are
recommended.
(Note 6)
As the minus power supply in this IC generates the clock for charge pump power supply by extracting the sink component
of the input video signal (synchronous isolation) and by detecting its fall, the portion around the V-syncrhonization of this IC
output may be reduced when the pseudo V signal without cut-in pulse is inserted as in the case of certain analog VCR
special play (search). On the contrary, there is no problem when the pseudo V signal has the cut-in pulse. Pay due attention
on this fact during use.
(Note 1)
The wiring from MIX-OUT(13Pin),
Y_OUT(Pin15) to 75
Ω must be as
shortened as possible.
(Note 3)
The wiring from C-OUT
(3Pin), C-IN(5Pin), Y-IN
(7Pin) to 75
Ω must be as
shortened as possible.
VCC
MUTE
DC
TDK
C1608 JB OJ 475k
TDK
C1608 JB 1C 475k
TDK
C1608 JB 1C 225k
TDK
C1608 JB 1C
105k
TDK
C1608 JB 1C 105k
TDK
C1608 JB 1C 104k
TDK
C1608 JB 1C 104k
H
L(OPEN)
MUTE
through
C(PIN3)
PIN4
Active
(Input signal)
Signal
→ ON
No signal
→ OFF
Standby
→ OFF




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl