Selected language     English  ▼


LA73076V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA73076V
Description  Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 6 page
background image
LA73076V
No.A0911-6/7
Continued from preceding page.
Pin
No
Symbol
Voltage
Description
Equivalent Circuit
9
CLK-OUT
VCC
↑↓
0V
10
ND
+0.5V
↑↓
-2.5V
(-VCC)
11
-VCC
0V
↑↓
-2.2V
(-VCC)
Pin 9: Clock output terminal
Pin 10: The terminal which transmits
an electric charge
Pin 11: -VCC
12
VCC_NVG
2.7V to
3.6V
13
15
MIX-OUT
Y-OUT
0V
Video output terminal
(Push-pull output low-impedance)
14
VCC_A
2.7V to
3.6V
Analog VCC
16
A-GND
0V
Analog GND
9pin
10pin
3V
2V
1V
0V
-1V
-2V
-3V
VCC=3.1V
11pin
VCC_NVG
GND
CLK-OUT
50k
50k
50k
2.4V
12
9
8
+
-
250
-VCC
VCC_A
13Pin: MIX-OUT
15Pin: Y-OUT
A_GND
50k
50k
49
14
16
11
50k
VCC_NVG
ND
-VCC
GND
12
8
11
10
2Vp-p
--0.6V
1.4V
0V
(MIX-OUT: burst be absent)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl