Selected language     English  ▼


LA73079CL Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA73079CL
Description  Monolithic Linear IC Video Driver for DSC
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
LA73079CL
No.A0912-5/6
Continued from preceding page.
Pin No
Symbol
Voltage
Description
Equivalent Circuit
6
CLKOUT
+3.0V
↑ ↓
0V
7
ND1
+0.5V
↑ ↓
-2.6V
(-VCC)
8
VCCN
0V
↑ ↓
-2.5V
(-VCC)
Pin6 : Clock output terminal
Pin7 : The terminal which transmits
an electric charge
Pin8 : Negative VCC
9
VOUT
0V
10
VCC
2.7V
to
3.6V
Video output terminal
(Push-pull output Low-impedance)
VCC
CLKOUT
GND
50k
50k
50k
2.4V
10
5
6
VCC
GND
VCCN
ND1
50k
10
5
8
7
10
9
8
VCC
VOUT
-VCC
+
-
50k
50k
100k
500
GND
5
100k
Active: Low-impedance
Standby: High-impedance
6pin
7pin
3V
2V
1V
0V
-1V
-2V
-3V
VCC=3.1V
8pin
2Vp-p
--0.6V
1.4V
0V




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73076VMonolithic Linear IC Video Driver for DVC/DSC Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1567Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl