Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62177DV30L-70BAI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62177DV30L-70BAI
Description  16-Mbit (2M x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177DV30L-70BAI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62177DV30L-70BAI Datasheet HTML 1Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 2Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 3Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 4Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 5Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 6Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 7Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 8Page - Cypress Semiconductor CY62177DV30L-70BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document #: 001-07721 Rev. *B
Page 4 of 10
CY62168EV30 MoBL®
Thermal Resistance[9]
Parameter
Description
Test Conditions
BGA
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 x 4.5 inch, two-layer printed circuit
board
55
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
16
°C/W
AC Test Loads and Waveforms
Parameters
2.5V (2.2V to 2.7V)
3.0V (2.7V to 3.6V)
Unit
R1
16600
1103
R2
15400
1554
RTH
8000
645
VTH
1.2
1.75
V
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ[3]
Max
Unit
VDR
VCC for Data Retention
1.5
3.6
V
ICCDR[8]
Data Retention Current
VCC = 1.5V
CE1 > VCC − 0.2V or CE2 < 0.2V
VIN > VCC − 0.2V or VIN < 0.2V
10
µA
tCDR[9]
Chip Deselect to Data
Retention Time
0ns
tR[10]
Operation Recovery Time
tRC
ns
Data Retention Waveform
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
VTH
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Fall time: 1 V/ns
Rise Time: 1 V/ns
VCC(min)
VCC(min)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE1
VCC
CE2
or
Note
10. Full Device AC operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
[+] Feedback
[+] Feedback


Similar Part No. - CY62177DV30L-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30L-70BAI CYPRESS-CY62177DV30L-70BAI Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
More results

Similar Description - CY62177DV30L-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_10 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62168DV3 CYPRESS-CY62168DV3_06 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com