Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1800CL Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1800CL
Description  Monolithic Digital IC Stepping Motor Driver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1800CL Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1800CL Datasheet HTML 1Page - Sanyo Semicon Device LB1800CL Datasheet HTML 2Page - Sanyo Semicon Device LB1800CL Datasheet HTML 3Page - Sanyo Semicon Device LB1800CL Datasheet HTML 4Page - Sanyo Semicon Device LB1800CL Datasheet HTML 5Page - Sanyo Semicon Device LB1800CL Datasheet HTML 6Page - Sanyo Semicon Device LB1800CL Datasheet HTML 7Page - Sanyo Semicon Device LB1800CL Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LB1800CL
No.A0352-3/8
Pin Assignments
Block Diagram
IN1
45k
IN2
IN3
GND
OUT4
OUT3
OUT2
OUT1
Stepping
motor
VCC
INM
IN4
COMP
1.35V
300
Interlocked with pins
IN1 to IN4
45k
45k
45k
1
OUT1
LB1800CL
2
OUT2
3
OUT3
4
OUT4
IN2
IN3
IN4
INM
10
9
8
7
12
11
5
6
Top view
0
Pd max -- Ta
ILB01691
-20
500
300
400
450
100
200
20
0
40
60
80
100
270
Ambient temperature, Ta --
°C
Specified Substrate : 20.0
×10.0×0.8mm3
Peper phenol


Similar Part No. - LB1800CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1806 SANYO-LB1806 Datasheet
190Kb / 5P
   LB1806
logo
Seoul Semiconductor
LB180Z SEOUL-LB180Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LB1800CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-BH ONSEMI-LB1935FA-BH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
logo
Toshiba Semiconductor
TC78S600FNG TOSHIBA-TC78S600FNG Datasheet
1Mb / 40P
   Stepping Motor Driver IC
2014-10-01
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
   STEPPING MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com