Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB8649FN Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB8649FN
Description  Monolithic Digital IC Motor Driver for DSCs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8649FN Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB8649FN Datasheet HTML 1Page - Sanyo Semicon Device LB8649FN Datasheet HTML 2Page - Sanyo Semicon Device LB8649FN Datasheet HTML 3Page - Sanyo Semicon Device LB8649FN Datasheet HTML 4Page - Sanyo Semicon Device LB8649FN Datasheet HTML 5Page - Sanyo Semicon Device LB8649FN Datasheet HTML 6Page - Sanyo Semicon Device LB8649FN Datasheet HTML 7Page - Sanyo Semicon Device LB8649FN Datasheet HTML 8Page - Sanyo Semicon Device LB8649FN Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LB8649FN
No.7893-4/9
Truth Table
1. Stepping motor constant voltage control for AF
Input
Output
IN1
IN2
IN3
IN4
INHD
OUT1
OUT2
OUT3
OUT4
Vref
Mode
L
L
L
L
L
-
-
-
-
-
Stand-by
H
L
L
L
H
L
-
-
H
L
H
L
H
L
H
L
L
L
H
L
-
-
H
L
L
H
H
L
L
H
H
L
L
H
L
L
L
H
-
-
L
H
L
H
L
H
L
H
L
L
L
H
-
-
L
H
H
L
L
H
H
L
L
H
1-2 phase excitation
H
H
*
*
-
-
*
*
H
H
L
-
-
1.0V
Output OFF
L
1.0V
*
*
*
*
H
0.67V
• ( - ) is output OFF.
• When setting output to “H”, the output voltage is 5.1 times the VC1.
2. Stepping motor constant voltage control for ZOOM or DC motor drive
Input
Output
IN5
IN6
IN7
IN8
INHD
OUT5
OUT6
OUT7
OUT8
Vref
Mode
L
L
L
L
L
-
-
-
-
-
Stand-by
H
L
L
L
H
L
-
-
H
L
H
L
H
L
H
L
L
L
H
L
-
-
H
L
L
H
H
L
L
H
H
L
L
H
L
L
L
H
-
-
L
H
L
H
L
H
L
H
L
L
L
H
-
-
L
H
H
L
L
H
H
L
L
H
1-2 phase excitation
H
H
*
*
H
H
*
*
H
H
L
H
H
1.0V
Brake
L
1.0V
*
*
*
*
H
0.67V
• ( - ) is output OFF, and ( * ) is “Don’t care”.
• When setting output to “H”, the output voltage is 5.1 times the VC2.


Similar Part No. - LB8649FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8649FN SANYO-LB8649FN Datasheet
216Kb / 9P
   Motor Driver for DSCs
LB8649FN SANYO-LB8649FN_08 Datasheet
216Kb / 9P
   Motor Driver for DSCs
More results

Similar Description - LB8649FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8649FN SANYO-LB8649FN_08 Datasheet
216Kb / 9P
   Motor Driver for DSCs
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
   Monolithic Digital IC Digital Camera Motor Driver
LB8658FN SANYO-LB8658FN Datasheet
266Kb / 16P
   Monolithic Digital IC DSC Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com