Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB710F Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB710F
Description  Reflective Object Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB710F Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB710F Datasheet HTML 1Page - OPTEK Technologies OPB710F Datasheet HTML 2Page - OPTEK Technologies OPB710F Datasheet HTML 3Page - OPTEK Technologies OPB710F Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
06/07
Page 3 of 4
Reflective Object Sensor
OPB710, OPB710F, OPB730, OPB730F
OPB710 - Output vs Forward Current vs Temp
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
0° C
10° C
20° C
30° C
40° C
50° C
60° C
70° C
Normalized Collector Current at 20mA and 20°C
OPB710 - Normalized
Collector Current vs. Object Distance
0.0
0.1
1.0
10.0
0.00.5
1.01.5
2.0
Distance to Reflective Surface (inches)
Kodak 90%
Kodak 18%
Corporate
Avery
Retro Reflective
Normalized at 0.25" Kodak 90%
OPB710 - Forward Voltage vs Forward Current
vs Temp
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
0° C
10° C
20° C
30° C
40° C
50° C
60° C
70° C


Similar Part No. - OPB710F

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB710F OPTEK-OPB710F Datasheet
220Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
TT Electronics.
OPB710F TTELEC-OPB710F Datasheet
946Kb / 4P
   Reflective Object Sensor
More results

Similar Description - OPB710F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com