Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256VLL-70SNXE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62256VLL-70SNXE
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VLL-70SNXE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62256VLL-70SNXE Datasheet HTML 1Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 2Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 3Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 4Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 5Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 6Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 7Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 8Page - Cypress Semiconductor CY62256VLL-70SNXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62256V
Document #: 38-05057 Rev. *F
Page 3 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14) ........................................... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[3] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[3].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature (TA)
[4]
VCC
CY62256V Commercial
0
°C to +70°C
2.7V to 3.6V
Industrial
−40°C to +85°C
Automotive
−40°C to +125°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62256V-70
Unit
Min.
Typ.[2]
Max.
VOH
Output HIGH Voltage
IOH = −1.0 mA
VCC = 2.7V
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
VCC = 2.7V
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+0.3V
V
VIL
Input LOW Voltage
–0.5
0.8
V
IIX
Input Leakage Current
GND < VIN < VCC
Com’l, Ind’l
–1
+1
µA
Automotive
–10
+10
µA
IOZ
Output Leakage Current
GND < VIN < VCC, Output Disabled Com’l, Ind’l
–1
+1
µA
Automotive
–10
+10
µA
ICC
VCC Operating Supply Current VCC = 3.6V, IOUT = 0 mA,
f = fMax = 1/tRC
All ranges
11
30
mA
ISB1
Automatic CE Power-down
Current— TTL Inputs
VCC = 3.6V, CE > VIH,
VIN > VIH or VIN < VIL, f = fMax
All ranges
100
300
µA
ISB2
Automatic CE Power-down
Current— CMOS Inputs
VCC = 3.6V, CE > VCC – 0.3V
VIN > VCC – 0.3V or VIN < 0.3V, f = 0
Com’l
0.1
5
µA
Ind’l
0.1
10
Automotive
0.1
130
Notes:
3. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
4. TA is the “Instant-On” case temperature.
[+] Feedback
[+] Feedback


Similar Part No. - CY62256VLL-70SNXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VLL-70SNC CYPRESS-CY62256VLL-70SNC Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY62256VLL-70SNE CYPRESS-CY62256VLL-70SNE Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY62256VLL-70SNI CYPRESS-CY62256VLL-70SNI Datasheet
316Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - CY62256VLL-70SNXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com