Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256NLL-70ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62256NLL-70ZC
Description  256K (32K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-70ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62256NLL-70ZC Datasheet HTML 1Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 2Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 3Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 4Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 5Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 6Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-70ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
256K (32K x 8) Static RAM
CY62256N
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06511 Rev. *A
Revised August 3, 2006
Features
• Temperature Ranges
— Commercial: 0°C to 70°C
— Industrial: –40°C to 85°C
— Automotive-A: –40°C to 85°C
— Automotive-E: –40°C to 125°C
• High speed: 55 ns
• Voltage range: 4.5V–5.5V operation
• Low active power
— 275 mW (max.)
• Low standby power (LL version)
— 82.5
µW (max.)
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Available in pb-free and non Pb-free 28-lead (600-mil)
PDIP, 28-lead (300-mil) narrow SOIC, 28-lead TSOP-I
and 28-lead Reverse TSOP-I packages
Functional Description[1]
The CY62256N is a high-performance CMOS static RAM
organized as 32K words by 8 bits. Easy memory expansion is
provided by an active LOW chip enable (CE) and active LOW
output enable (OE) and tri-state drivers. This device has an
automatic
power-down
feature,
reducing
the
power
consumption by 99.9% when deselected.
An active LOW write enable signal (WE) controls the
writing/reading operation of the memory. When CE and WE
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location
addressed by the address present on the address pins (A0
through A14). Reading the device is accomplished by selecting
the device and enabling the outputs, CE and OE active LOW,
while WE remains inactive or HIGH. Under these conditions,
the contents of the location addressed by the information on
address pins are present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and write enable
(WE) is HIGH.
Note:
1. For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
A9
A8
A7
A6
A5
A4
A3
A2
COLUMN
DECODER
INPUTBUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
32K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A10
Logic Block Diagram
[+] Feedback
[+] Feedback


Similar Part No. - CY62256NLL-70ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-70ZC CYPRESS-CY62256NLL-70ZC Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256NLL-70ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com