Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYD18S72V-100BBI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYD18S72V-100BBI
Description  FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD18S72V-100BBI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYD18S72V-100BBI Datasheet HTML 7Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 8Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 9Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 10Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 11Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 12Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 13Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 14Page - Cypress Semiconductor CYD18S72V-100BBI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Document #: 38-06069 Rev. *I
Page 11 of 25
CYD04S72V
CYD09S72V
CYD18S72V
Maximum Ratings[22]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................ –65°C to + 150°C
Ambient Temperature with
Power Applied............................................–55°C to + 125°C
Supply Voltage to Ground Potential .............. –0.5V to + 4.6V
DC Voltage Applied to
Outputs in High-Z State..........................–0.5V to VDD + 0.5V
DC Input Voltage...............................–0.5V to VDD + 0.5V[23]
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2000V
(JEDEC JESD22-A114-2000B)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VDD
VCORE[11]
Commercial
0°C to +70°C 3.3V ± 165 mV 1.8V ± 100 mV
Industrial
–40°C to +85°C 3.3V ± 165 mV 1.8V ± 100mV
Electrical Characteristics Over the Operating Range
Parameter
Description
Part No.
–167
–133
–100
Unit
Min.
Typ
Max
Min.
Typ
Max
Min.
Typ
Max
VOH
Output HIGH Voltage (VDD = Min., IOH =
–4.0 mA)
2.4
2.4
2.4
V
VOL
Output LOW Voltage (VDD = Min., IOL= +4.0
mA)
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
µA
IIX1
Input Leakage Current Except TDI, TMS,
MRST
–10
10
–10
10
–10
10
µA
IIX2
Input Leakage Current TDI, TMS, MRST
–0.1
1.0
–0.1
1.0
–0.1
1.0
mA
ICC
Operating Current
(VDD = Max.,IOUT = 0 mA),
Outputs Disabled
CYD04S72V
225
300
225
300
mA
CYD09S72V
406
580
350
500
CYD18S72V
410
580
315
450
mA
ISB1
Standby Current
(Both Ports TTL Level)
CEL and CER ≥ VIH, f = fMAX
CYD04S72V
90
115
90
115
mA
CYD09S72V
105
150
105
150
ISB2
Standby Current
(One Port TTL Level)
CEL | CER ≥ VIH, f = fMAX
CYD04S72V
160
210
160
210
mA
CYD09S72V
266
380
266
380
ISB3
Standby Current (Both
Ports CMOS Level) CEL
and CER ≥ VDD – 0.2V, f = 0
CYD04S72V
CYD09S72V
55
75
55
75
mA
ISB4
Standby Current
(One Port CMOS Level)
CEL | CER ≥ VIH, f = fMAX
CYD04S72V
160
210
160
210
mA
CYD09S72V
224
320
224
320
ISB5
Operating Current (VDDIO
= Max, Iout = 0 mA, f = 0)
Outputs Disabled
CYD18S72V
75
75
mA
ICORE[11]
Core Operating Current for (VDD = Max.,
IOUT = 0 mA), Outputs Disabled
00
00
0
0
mA
Notes:
22. The voltage on any input or I/O pin can not exceed the power pin during power-up.
23. Pulse width < 20 ns.
[+] Feedback
[+] Feedback


Similar Part No. - CYD18S72V-100BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V-100BBI CYPRESS-CYD18S72V-100BBI Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBI CYPRESS-CYD18S72V-100BBI Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD18S72V-100BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com