Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYD09S72V-167BBC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYD09S72V-167BBC
Description  FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD09S72V-167BBC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYD09S72V-167BBC Datasheet HTML 1Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 2Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 3Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 4Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 5Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 6Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 7Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 8Page - Cypress Semiconductor CYD09S72V-167BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
FLEx72™ 3.3V 64K/128K/256K x 72
Synchronous Dual-Port RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06069 Rev. *I
Revised May 2, 2006
CYD04S72V
CYD09S72V
CYD18S72V
Features
• True dual-ported memory cells that allow simultaneous
access of the same memory location
• Synchronous pipelined operation
• Family of 4-Mbit, 9-Mbit, and 18-Mbit devices
• Pipelined output mode allows fast operation
• 0.18-micron CMOS for optimum speed and power
• High-speed clock to data access
• 3.3V low power
— Active as low as 225 mA (typ)
— Standby as low as 55 mA (typ)
• Mailbox function for message passing
• Global master reset
• Separate byte enables on both ports
• Commercial and industrial temperature ranges
• IEEE 1149.1-compatible JTAG boundary scan
• 484-ball FBGA (1-mm pitch)
• Pb-Free packaging available
• Counter wrap around control
— Internal mask register controls counter wrap-around
— Counter-interrupt flags to indicate wrap-around
— Memory block retransmit operation
• Counter readback on address lines
• Mask register readback on address lines
• Dual Chip Enables on both ports for easy depth
expansion
• Seamless Migration to Next Generation Dual-Port
Family
Functional Description
The FLEx72 family includes 4-Mbit, 9-Mbit and 18-Mbit
pipelined, synchronous, true dual-port static RAMs that are
high-speed, low-power 3.3V CMOS. Two ports are provided,
permitting independent, simultaneous access to any location
in memory. The result of writing to the same location by more
than one port at the same time is undefined. Registers on
control, address, and data lines allow for minimal set-up and
hold time.
During a Read operation, data is registered for decreased
cycle time. Each port contains a burst counter on the input
address register. After externally loading the counter with the
initial address, the counter will increment the address inter-
nally (more details to follow). The internal write pulse width is
independent of the duration of the R/W input signal. The
internal write pulse is self-timed to allow the shortest possible
cycle times.
A HIGH on CE0 or LOW on CE1 for one clock cycle will power
down the internal circuitry to reduce the static power
consumption. One cycle with chip enables asserted is required
to reactivate the outputs.
Additional features include: readback of burst-counter internal
address value on address lines, counter-mask registers to
control the counter wrap-around, counter interrupt (CNTINT)
flags, readback of mask register value on address lines,
retransmit functionality, interrupt flags for message passing,
JTAG for boundary scan, and asynchronous Master Reset
(MRST).
The CYD18S72V device have limited features. Please see
“Address Counter and Mask Register Operations[17]” on
page 6“ for details.
Seamless Migration to Next-Generation Dual-Port Family
Cypress offers a migration path for all devices to the
next-generation devices in the Dual-Port family with a
compatible footprint. Please contact Cypress Sales for more
details.
Table 1. Product Selection Guide
Density
4-Mbit
(64K x 72)
9-Mbit
(128K x 72)
18-Mbit
(256K x 72)
Part Number
CYD04S72V
CYD09S72V
CYD18S72V
Max. Speed (MHz)
167
167
133
Max. Access Time—Clock to Data (ns)
4.0
4.0
5.0
Typical operating current (mA)
225
270
410
Package
484-ball FBGA
23 mm x 23 mm
484-ball FBGA
23 mm x 23 mm
484-ball FBGA
23 mm x 23 mm
[+] Feedback
[+] Feedback


Similar Part No. - CYD09S72V-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD09S72V-167BBC CYPRESS-CYD09S72V-167BBC Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD09S72V-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com