Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYDC256B16-55AXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYDC256B16-55AXC
Description  1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDC256B16-55AXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYDC256B16-55AXC Datasheet HTML 1Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 2Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 3Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 4Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 5Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 6Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 7Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 8Page - Cypress Semiconductor CYDC256B16-55AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CYDC256B16, CYDC128B16,
CYDC064B16, CYDC128B08,
CYDC064B08
Document #: 001-01638 Rev. *E
Page 5 of 26
Functional Description
The
CYDC256B16,
CYDC128B16,
CYDC064B16,
CYDC128B08, CYDC064B08 are low-power CMOS 4k,
8k,16k x 16, and 8/16k x 8 dual-port static RAMs. Arbitration
schemes are included on the devices to handle situations
when multiple processors access the same piece of data. Two
ports are provided, permitting independent, asynchronous
access for reads and writes to any location in memory. The
devices can be utilized as standalone 16-bit dual-port static
RAMs or multiple devices can be combined in order to function
as a 32-bit or wider master/slave dual-port static RAM. An M/S
pin is provided for implementing 32-bit or wider memory appli-
cations without the need for separate master and slave
devices or additional discrete logic. Application areas include
interprocessor/multiprocessor
designs,
communications
status buffering, and dual-port video/graphics memory.
Each port has independent control pins: Chip Enable (CE),
Read or Write Enable (R/W), and Output Enable (OE). Two
flags are provided on each port (BUSY and INT). BUSY
signals that the port is trying to access the same location
currently being accessed by the other port. The Interrupt flag
(INT) permits communication between ports or systems by
means of a mail box. The semaphores are used to pass a flag,
or token, from one port to the other to indicate that a shared
resource is in use. The semaphore logic is comprised of eight
shared latches. Only one side can control the latch
(semaphore) at any time. Control of a semaphore indicates
that a shared resource is in use. An automatic power-down
feature is controlled independently on each port by a Chip
Enable (CE) pin.
The
CYDC256B16,
CYDC128B16,
CYDC064B16,
CYDC128B08, CYDC064B08 are available in 100-pin TQFP
packages.
Power Supply
The core voltage (VCC) can be 1.8V, 2.5V or 3.0V, as long as
it is lower than or equal to the I/O voltage.
Each port can operate on independent I/O voltages. This is
determined by what is connected to the VDDIOL and VDDIOR
pins. The supported I/O standards are 1.8V/2.5V LVCMOS
and 3.0V LVTTL.
Write Operation
Data must be set up for a duration of tSD before the rising edge
of R/W in order to guarantee a valid write. A write operation is
controlled by either the R/W pin (see Write Cycle No. 1
waveform) or the CE pin (see Write Cycle No. 2 waveform).
Required inputs for non-contention operations are summa-
rized in Table 1.
If a location is being written to by one port and the opposite
port attempts to read that location, a port-to-port flowthrough
delay must occur before the data is read on the output;
otherwise the data read is not deterministic. Data will be valid
on the port tDDD after the data is presented on the other port.
Read Operation
When reading the device, the user must assert both the OE
and CE pins. Data will be available tACE after CE or tDOE after
OE is asserted. If the user wishes to access a semaphore flag,
Pin Definitions
Left Port
Right Port
Description
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L–A13L
A0R–A13R
Address (A0–A11 for 4k devices; A0–A12 for 8k devices; A0–A13 for 16k devices).
I/O0L–I/O15L
I/O0R–I/O15R
Data Bus Input/Output for x16 devices; I/O0–I/O7 for x8 devices.
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select (I/O8–I/O15 for x16 devices; Not applicable for x8 devices).
LBL
LBR
Lower Byte Select (I/O0–I/O7 for x16 devices; Not applicable for x8 devices).
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
IRR0, IRR1
Input Read Register for CYDC064B16, CYDC064B08, CYDC128B16.
A13L, A13R for CYDC256B16 and CYDC128B08 devices.
ODR0-ODR4
Output Drive Register; These outputs are Open Drain.
SFEN
Special Function Enable
M/S
Master or Slave Select
VCC
Core Power
GND
Ground
VDDIOL
Left Port I/O Voltage
VDDIOR
Right Port I/O Voltage
NC
No Connect. Leave this pin Unconnected.
[+] Feedback
[+] Feedback


Similar Part No. - CYDC256B16-55AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-55AXI CYPRESS-CYDC128B16-55AXI Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
More results

Similar Description - CYDC256B16-55AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com