Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYDC064B08-55AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYDC064B08-55AXI
Description  1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDC064B08-55AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYDC064B08-55AXI Datasheet HTML 4Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 5Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 6Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 7Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 8Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 9Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 10Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 11Page - Cypress Semiconductor CYDC064B08-55AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CYDC256B16, CYDC128B16,
CYDC064B16, CYDC128B08,
CYDC064B08
Document #: 001-01638 Rev. *E
Page 8 of 26
Table 3. Input Read Register Operation[16, 19]
SFEN
CE
R/W
OE
UB
LB
ADDR
I/O0–I/O1 I/O2–I/O15
Mode
HLHL
L
L
x0000-Max VALID[17] VALID[17] Standard Memory Access
L
L
H
L
X
L
x0000
VALID[18]
X
IRR Read
Table 4. Output Drive Register [20]
SFEN
CE
R/W
OE
UB
LB
ADDR
I/O0–I/O4 I/O5–I/O15
Mode
HLH
X[21]
L[17]
L[17]
x0000-Max VALID[17] VALID[17] Standard Memory Access
LL
L
X
X
L
x0001
VALID[18]
X
ODR Write[20, 22]
LL
H
L
X
L
x0001
VALID[18]
X
ODR Read[20]
Table 5. Semaphore Operation Example
Function
I/O0–I/O15 Left I/O0–I/O15 Right
Status
No action
1
1
Semaphore-free
Left port writes 0 to semaphore
0
1
Left Port has semaphore token
Right port writes 0 to semaphore
0
1
No change. Right side has no write access to semaphore
Left port writes 1 to semaphore
1
0
Right port obtains semaphore token
Left port writes 0 to semaphore
1
0
No change. Left port has no write access to semaphore
Right port writes 1 to semaphore
0
1
Left port obtains semaphore token
Left port writes 1 to semaphore
1
1
Semaphore-free
Right port writes 0 to semaphore
1
0
Right port has semaphore token
Right port writes 1 to semaphore
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left port has semaphore token
Left port writes 1 to semaphore
1
1
Semaphore-free
Notes:
16. SFEN = VIL for IRR reads.
17. UB or LB = VIL. If LB = VIL, then DQ<7:0> are valid. If UB = VIL then DQ<15:8> are valid.
18. LB must be active (LB = VIL) for these bits to be valid.
19. SFEN active when either CEL = VIL or CER = VIL. It is inactive when CEL = CER = VIH.
20. SFEN = VIL for ODR reads and writes.
21. Output enable must be low (OE = VIL) during reads for valid data to be output.
22. During ODR writes data will also be written to the memory.
[+] Feedback
[+] Feedback


Similar Part No. - CYDC064B08-55AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-55AXI CYPRESS-CYDC128B16-55AXI Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
More results

Similar Description - CYDC064B08-55AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com