Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69213 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYRF69213
Description  Programmable Radio on Chip Low Power
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69213 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYRF69213 Datasheet HTML 4Page - Cypress Semiconductor CYRF69213 Datasheet HTML 5Page - Cypress Semiconductor CYRF69213 Datasheet HTML 6Page - Cypress Semiconductor CYRF69213 Datasheet HTML 7Page - Cypress Semiconductor CYRF69213 Datasheet HTML 8Page - Cypress Semiconductor CYRF69213 Datasheet HTML 9Page - Cypress Semiconductor CYRF69213 Datasheet HTML 10Page - Cypress Semiconductor CYRF69213 Datasheet HTML 11Page - Cypress Semiconductor CYRF69213 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
CYRF69213
Document #: 001-07552 Rev. *B
Page 8 of 85
An RSSI reading is taken automatically when the start of a
packet is detected. In addition, a new RSSI reading is taken
every time the previous reading is read from the RSSI register,
allowing the background RF energy level on any given channel
to be easily measured when RSSI is read when no signal is
being received. A new reading can occur as fast as once every
12
µs.
SPI Interface
The SPI interface between the MCU function and the radio
function is a 3-wire SPI Interface. The three pins are MOSI
(Master Out Slave In), SCK (Serial Clock), SS (Slave Select).
There is an alternate 4-wire MISO Interface that requires the
connection of two external pins. The SPI interface is controlled
by configuring the SPI Configure Register (SICR Address:
0x3D).
3-Wire SPI Interface
The radio function receives a clock from the MCU function on
the SCK pin. The MOSI pin is multiplexed with the MISO pin.
Bidirectional data transfer takes place between the MCU
function and the radio function through this multiplexed MOSI
pin. When using this mode the user firmware should ensure
that the MOSI pin on the MCU function is in a high impedance
state, except when the MCU is actively transmitting data.
Firmware must also control the direction of data flow and
switch directions between MCU function and radio function by
setting the SWAP bit [Bit 7] of the SPI Configure Register. The
SS pin is asserted prior to initiating a data transfer between the
MCU function and the radio function. The IRQ function may be
optionally multiplexed with the MOSI pin; when this option is
enabled the IRQ function is not available while the SS pin is
low. When using this configuration, user firmware should
ensure that the MOSI function on MCU function is in a
high-impedance state whenever SS is high.
Figure 4. 3-Wire SPI Mode
4-Wire SPI Interface
The 4-wire SPI communications interface consists of MOSI,
MISO, SCK, and SS.
The device receives SCK from the MCU function on the SCK
pin. Data from the MCU function is shifted in on the MOSI pin.
Data to the MCU function is shifted out on the MISO pin. The
active low SS pin must be asserted for the two functions to
communicate. The IRQ function may be optionally multiplexed
with the MOSI pin; when this option is enabled the IRQ
function is not available while the SS pin is low. When using
this configuration, user firmware should ensure that the MOSI
function on MCU function is in a high-impedance state
whenever SS is high.
Figure 5. 4-WIRE SPI Mode
SPI Communication and Transactions
The SPI transactions can be single byte or multi-byte. The
MCU
function
initiates
a
data
transfer
through
a
Command/Address byte. The following bytes are data bytes.
The SPI transaction format is shown in Figure 6.
The DIR bit specifies the direction of data transfer. 0 = Master
reads from slave. 1 = Master writes to slave.
The INC bit helps to read or write consecutive bytes from
contiguous memory locations in a single burst mode
operation.
If Slave Select is asserted and INC = 1, then the master MCU
function reads a byte from the radio, the address is incre-
mented by a byte location, and then the byte at that location is
read, and so on.
If Slave Select is asserted and INC = 0, then the MCU function
reads/writes the bytes in the same register in burst mode, but
if it is a register file then it reads/writes the bytes in that register
file.
The SPI interface between the radio function and the MCU is
not dependent on the internal 12-MHz oscillator of the radio.
Therefore, radio function registers can be read from or written
into while the radio is in sleep mode.
SPI IO Voltage References
The SPI interfaces between MCU function and the radio and
the IRQ and RST have a separate voltage reference VIO,
enabling the radio function to directly interface with the MCU
MCU Function
P1.5/MOSI
P1.4/SCK
P1.3/nSS
MOSI
SCK
nSS
Radio Function
MOSI/MISO multiplexed
on one MOSI pin
MCU Function
P1.5/MOSI
P1.4/SCK
P1.3/nSS
P1.6/MISO
MOSI
SCK
nSS
Radio Function
MISO
This connection is external to the PRoC LP Chip
[+] Feedback
[+] Feedback


Similar Part No. - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYRF69213-40LTXC CYPRESS-CYRF69213-40LTXC Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213-40LTXC CYPRESS-CYRF69213-40LTXC Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
More results

Similar Description - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com