Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYS25G0101DX-ATXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYS25G0101DX-ATXI
Description  SONET OC-48 Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYS25G0101DX-ATXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYS25G0101DX-ATXI Datasheet HTML 5Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 6Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 7Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 8Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 9Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 10Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 11Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 12Page - Cypress Semiconductor CYS25G0101DX-ATXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CYS25G0101DX
Document Number: 38-02009 Rev. *K
Page 9 of 17
Table 2. DC Specifications—Power
Parameter
Description
Test Conditions
Typ
Max
Unit
Power
ICC1
Active Power Supply Current
300
347
mA
ISB
Standby Current
5
mA
Table 3. DC Specifications—Differential LVPECL Compatible Inputs (REFCLK)
The DC Specifications—Differential LVPECL Compatible Inputs (REFCLK) follow. [5]
Parameter
Description
Test Conditions
Min
Max
Unit
VINSGLE
Input Single-ended Swing
200
600
mV
VDIFFE
Input Differential Voltage
400
1200
mV
VIEHH
Highest Input HIGH Voltage
VCC – 1.2
VCC – 0.3
V
VIELL
Lowest Input LOW Voltage
VCC – 2.0
VCC – 1.45
V
IIEH
Input HIGH Current
VIN = VIEHH Max.
750
µA
IIEL
Input LOW Current
VIN = VIELL Min.
–200
µA
Capacitance
CINE
Input Capacitance
4
pF
Table 4. DC Specifications—Differential CML
The DC Specifications—Differential CML follow. [5]
Parameter
Description
Test Conditions
Min
Max
Unit
Transmitter CML compatible Outputs
VOHC
Output HIGH Voltage (VCC Referenced)
100differential load VCC – 0.5 VCC – 0.15
V
VOLC
Output LOW Voltage (VCC Referenced)
100differential load VCC – 1.2 VCC – 0.7
V
VDIFFOC
Output Differential Swing
100differential load
560
1600
mV
VSGLCO
Output Single-ended Voltage
100differential load
280
800
mV
Receiver CML compatible Inputs
VINSGLC
Input Single-ended Swing
25
1000
mV
VDIFFC
Input Differential Voltage
50
2000
mV
VICHH
Highest Input HIGH Voltage
VCC
V
VICLL
Lowest Input LOW Voltage
1.2
V
V ( + )
V ( - )
V
D
0 .0 V
V
D IF F = V ( + ) - V ( - )
V
S G L
Figure 3. Differential Waveform Definition
5. See Figure 3 for differential waveform definition.


Similar Part No. - CYS25G0101DX-ATXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYS25G0101DX-ATC CYPRESS-CYS25G0101DX-ATC Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX-ATI CYPRESS-CYS25G0101DX-ATI Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
More results

Similar Description - CYS25G0101DX-ATXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com