Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYV15G0204TRB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYV15G0204TRB
Description  Independent Clock HOTLink II Dual Serializer and Dual Reclocking Deserializer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0204TRB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYV15G0204TRB Datasheet HTML 5Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 6Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 7Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 8Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 9Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 10Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 11Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 12Page - Cypress Semiconductor CYV15G0204TRB Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CYV15G0204TRB
Document #: 38-02101 Rev. *C
Page 9 of 31
Receive Path Data and Status Signals
RXDC[9:0]
RXDD[9:0]
LVTTL Output,
synchronous to the
RXCLK± output
Parallel Data Output. RXDx[9:0] parallel data outputs change relative to the receive
interface clock. If RXCLKx± is a full-rate clock, the RXCLKx± clock outputs are
complementary clocks operating at the character rate. The RXDx[9:0] outputs for the
associated receive channels follow rising edge of RXCLKx+ or falling edge of
RXCLKx–. If RXCLKx± is a half-rate clock, the RXCLKx± clock outputs are comple-
mentary clocks operating at half the character rate. The RXDx[9:0] outputs for the
associated receive channels follow both the falling and rising edges of the associated
RXCLKx± clock outputs.
When BIST is enabled on the receive channel, the BIST status is presented on the
RXDx[1:0] and BISTSTx outputs. See Table 6 on page 19 for each status reported
by the BIST state machine. Also, while BIST is enabled, the RXDx[9:2] outputs
should be ignored.
BISTSTC
BISTSTD
LVTTL Output,
synchronous to the
RXCLKx ± output
BIST Status Output. When RXBISTx[1:0] = 10, BISTSTx (along with RXDx[1:0])
displays the status of the BIST reception. See Table 6 on page 19 for the BIST status
reported for each combination of BISTSTx and RXDx[1:0].
When RXBISTx[1:0]
≠ 10, BISTSTx should be ignored.
REPDOC
REPDOD
Asynchronous to
reclocker output
channel
enable / disable
Reclocker Powered Down Status Output. REPDOx is asserted HIGH, when the
associated channel’s reclocker output logic is powered down. This occurs when
ROE2x and ROE1x are both disabled by setting ROE2x = 0 and ROE1x = 0.
Receive Path Clock Signals
TRGCLKC±
TRGCLKD±
Differential LVPECL
or single-ended
LVTTL input clock
CDR PLL Training Clock. TRGCLKx± clock inputs are used as the reference source
for the frequency detector (Range Controller) of the associated receive PLL to
reduce PLL acquisition time.
In the presence of valid serial data, the recovered clock output of the receive CDR
PLL (RXCLKx±) has no frequency or phase relationship with TRGCLKx±.
When driven by a single-ended LVCMOS or LVTTL clock source, connect the clock
source to either the true or complement TRGCLKx input, and leave the alternate
TRGCLKx input open (floating). When driven by an LVPECL clock source, the clock
must be a differential clock, using both inputs.
RXCLKC±
RXCLKD±
LVTTL Output Clock Receive Clock Output. RXCLKx± is the receive interface clock used to control
timing of the RXDx[9:0] parallel outputs. These true and complement clocks are used
to control timing of data output transfers. These clocks are output continuously at
either the half-character rate (1/20th the serial bit-rate) or character rate (1/10th the
serial bit-rate) of the data being received, as selected by RXRATEx.
RECLKOC
RECLKOD
LVTTL Output
Reclocker Clock Output. RECLKOx output clock is synthesized by the associated
reclocker output PLL and operates synchronous to the internal recovered character
clock. RECLKOx operates at either the same frequency as RXCLKx± (RXRATEx =
0), or at twice the frequency of RXCLKx± (RXRATEx = 1).The reclocker clock outputs
have no fixed phase relationship to RXCLKx±.
Device Control Signals
RESET
LVTTL Input,
asynchronous,
internal pull-up
Asynchronous Device Reset. RESET initializes all state machines, counters, and
configuration latches in the device to a known state. RESET must be asserted LOW
for a minimum pulse width. When the reset is removed, all state machines, counters
and configuration latches are at an initial state. As per the JTAG specifications the
device RESET cannot reset the JTAG controller. Therefore, the JTAG controller has
to be reset separately. Refer to “JTAG Support” on page 19 for the methods to reset
the JTAG state machine. See Table 4 on page 16 for the initialize values of the device
configuration latches.
Pin Definitions (continued)
CYV15G0204TRB HOTLink II Dual Serializer and Dual Reclocking Deserializer
Name
I/O Characteristics Signal Description
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0204TRB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0204RB CYPRESS-CYV15G0204RB Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
CYV15G0204RB-BGC CYPRESS-CYV15G0204RB-BGC Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
CYV15G0204RB-BGC CYPRESS-CYV15G0204RB-BGC Datasheet
699Kb / 24P
   Independent Clock Dual HOTLink II Reclocking Deserializer
CYV15G0204RB-BGXC CYPRESS-CYV15G0204RB-BGXC Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
CYV15G0204RB-BGXC CYPRESS-CYV15G0204RB-BGXC Datasheet
699Kb / 24P
   Independent Clock Dual HOTLink II Reclocking Deserializer
More results

Similar Description - CYV15G0204TRB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0204RB CYPRESS-CYV15G0204RB Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
CYV15G0204RB CYPRESS-CYV15G0204RB_09 Datasheet
699Kb / 24P
   Independent Clock Dual HOTLink II Reclocking Deserializer
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB Datasheet
526Kb / 19P
   Independent Clock Dual HOTLink II Serializer
CYV15G0404RB CYPRESS-CYV15G0404RB Datasheet
580Kb / 26P
   Independent Clock Quad HOTLink Reclocking Deserializer
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com