Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYV270M0101EQ Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYV270M0101EQ
Description  Adaptive Video Cable Equalizer (SOIC)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0101EQ Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYV270M0101EQ Datasheet HTML 2Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 3Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 4Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 5Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 6Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 7Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 8Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 9Page - Cypress Semiconductor CYV270M0101EQ Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYV270M0101EQ
Document #: 001-06830 Rev. *A
Page 6 of 10
AC Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Serial Input Data Rate[1]
143
360
Mbps
VSDI
Input Voltage Swing
Single ended, at the transmitter,
SD data rate
500[5]
800[1]
1200
mV
∆VSDO
Output Voltage Swing[1]
Differentialp-p, 50Ω load
500
700
950
mV
Maximum Equalized Cable
Length[1]
270 Mbps, Belden 1694A,
800 mV transmit amplitude,
equalizer pathological pattern,
0.2 UI equalizer output jitter
350
m
Output Rise/Fall Time[3, 4]
20% - 80%
80
120
270
ps
Mismatch in Rise/Fall time[3, 4]
30
ps
Duty cycle distortion[3, 4]
SD Color Bar Pattern
0.03
UI
Overshoot[3, 4]
10
%
Input Return Loss[3, 4]
15
dB
Input Resistance[3]
Single ended
2.5
k
Input Capacitance[3]
Single ended
1
pF
Output Resistance[3]
Single ended
50
Notes
4. Not tested. Guaranteed by design simulations.
5. Based on characterization across temperature and voltage with 350m of Belden 1694A cable, transmitting SMPTE Equalizer Pathological Test Pattern.
[+] Feedback
[+] Feedback


Similar Part No. - CYV270M0101EQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
More results

Similar Description - CYV270M0101EQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV15G0101EQ CYPRESS-CYV15G0101EQ Datasheet
226Kb / 10P
   Multi-Rate Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com