Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYV15G0404RB-BGXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYV15G0404RB-BGXC
Description  Independent Clock Quad HOTLink II??Deserializing Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0404RB-BGXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYV15G0404RB-BGXC Datasheet HTML 1Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 2Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 3Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0404RB-BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
CYV15G0404RB
Document #: 38-02102 Rev. *C
Page 3 of 27
Reclocking Deserializer Path Block Diagram
INA1+
INA1–
INA2+
INA2–
INSELA
Clock &
Data
Recovery
PLL
LFIA
10
RXDA[9:0]
Receive
Signal
Monitor
RXCLKA+
RXCLKA–
÷2
RXPLLPDA
SPDSELA
ULCA
RXRATEA
10
10
RXBISTA[1:0]
LDTDEN
SDASEL[2..1]A[1:0]
ROUTA1+
ROUTA1–
ROUTA2+
ROUTA2–
ROE[2..1]A
TRGCLKA
x2
TRGRATEA
BISTSTA
Character-Rate Clock A
Reclocker
RECLKOA
Recovered Character Clock
Recovered Serial Data
REPDOA
Clock Multiplier A
Output PLL
ROE[2..1]A
INB1+
INB1–
INB2+
INB2–
INSELB
Clock &
Data
Recovery
PLL
LFIB
10
RXDB[9:0]
Receive
Signal
Monitor
RXCLKB+
RXCLKB–
÷2
RXPLLPDB
SPDSELB
ULCB
RXRATEB
10
10
RXBISTB[1:0]
LDTDEN
SDASEL[2..1]B[1:0]
ROUTB1+
ROUTB1–
ROUTB2+
ROUTB2–
ROE[2..1]B
TRGCLKB
x2
TRGRATEB
BISTSTB
Character-Rate Clock B
Reclocker
RECLKOB
Recovered Character Clock
Recovered Serial Data
REPDOB
Clock Multiplier B
Output PLL
ROE[2..1]B
=
Internal Signal
JTAG
Boundary
Scan
Controller
TDO
TMS
TCLK
TDI
RESET
TRST
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0404RB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0404RB-BGC CYPRESS-CYV15G0404RB-BGC Datasheet
580Kb / 26P
   Independent Clock Quad HOTLink Reclocking Deserializer
More results

Similar Description - CYV15G0404RB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com