Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWM6935PAEC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYWM6935PAEC
Description  WirelessUSB??LRPA Radio Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWM6935PAEC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYWM6935PAEC Datasheet HTML 1Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 2Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 3Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 4Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 5Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 6Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 7Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 8Page - Cypress Semiconductor CYWM6935PAEC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRELIMINARY
WirelessUSB™ LR+PA Radio Module
CYWM6935PAEC
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07822 Rev. **
Revised June 28, 2006
1.0
Features
• The CYWM6935PAEC is a long range 2.4 GHz Radio
Module. It includes radio (CYWUSB6935), power ampli-
fier, RF switch, miniature RF coaxial connector and in-
terface connector
• Operates in the unlicensed Industrial, Scientific, and
Medical (ISM) band (2.4 GHz–2.483 GHz)
• –95-dBm or better receiver sensitivity
• 16-dBm typical output power
• Range of up to 200 meters or more
• Data throughput of up to 62.5 kbits/sec
• SPI microcontroller interface (up to 2 MHz data rate)
• Operating voltage from 3.0V to 3.6V
• Small PCBA Design: 0.95” (23.75 mm) by 0.95” (23.75
mm) by 0.212” (5.3 mm) (L x W x H)
• The radio module is FCC certified with external 2.4 GHz
antenna.
• FCC Modular Approval Grant to meet FCC Part 15, EN
300 328-1, EN 301 489-1, and Industry Canada RSS-210
standards
• An FCC Module Approval (MA) Grant provides
customers significant cost savings, by allowing
customers to adopt the CYWM6935PAEC FCC ID into
their own products
2.0
Functional Description
The CYWM6935PAEC WirelessUSB LR + PA Radio Module
offers a complete radio module solution for integration into
existing or new 2.4-GHz products.
The CYWM6935PAEC is tested for functional operation and is
FCC/ETSI(EU)/Industry pre-certified. The radio module is
designed to work with any commercial 2.4 GHz antenna which
is equivalent to INPAQ DAMA0BM12410205.(Antenna-A).
The CYWM6935PAEC is available in a small PCBA design
and can be mounted horizontally to the device PCB via a 12-
pin header. The pin-out of the header is shown in Figure 3-2.
3.0
Applications
• Building/Home Automation
— Climate Control
— Lighting Control
— Smart Appliances
— On-Site Paging Systems
— Alarm and Security
• Industrial Control
— Inventory Management
— Factory Automation
— Data Acquisition
— Automatic Meter Reading (AMR)
• Transportation
— Diagnostics
— Remote Keyless Entry
Figure 3-1. CYWM6935PAEC Module
W ir e lessU S B L R
C Y W U S B 6935 S ilic o n
SiG e
P A 24 23 L
Po w e r
A m p lif ie r
T x /R x S w it c h
10
12 - p in
2m m
header
Vc c
B y pas s
c apac itor s
13 M H z C r y s ta l
T o /fr o m ex te r nal antenna
T r ans m it en able
R e c e iv e enable
R x P a th
T x P a th


Similar Part No. - CYWM6935PAEC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWM6935 CYPRESS-CYWM6935 Datasheet
564Kb / 5P
   WirelessUSB LR Radio Module
CYWM6935 CYPRESS-CYWM6935 Datasheet
620Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935 CYPRESS-CYWM6935 Datasheet
627Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935 CYPRESS-CYWM6935_06 Datasheet
620Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935 CYPRESS-CYWM6935_11 Datasheet
627Kb / 8P
   WirelessUSB LR??Radio Module
More results

Similar Description - CYWM6935PAEC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWM6935 CYPRESS-CYWM6935 Datasheet
564Kb / 5P
   WirelessUSB LR Radio Module
CYWM6935 CYPRESS-CYWM6935_06 Datasheet
620Kb / 8P
   WirelessUSB LR??Radio Module
CYWM6935 CYPRESS-CYWM6935_11 Datasheet
627Kb / 8P
   WirelessUSB LR??Radio Module
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWM6934 CYPRESS-CYWM6934 Datasheet
492Kb / 6P
   WirelessUSB LS Radio Module
CYWM6934 CYPRESS-CYWM6934_06 Datasheet
429Kb / 9P
   WirelessUSB LS??Radio Module
CYWM6934 CYPRESS-CYWM6934_11 Datasheet
436Kb / 9P
   WirelessUSB LS??Radio Module
CYWUSB6941 CYPRESS-CYWUSB6941 Datasheet
197Kb / 14P
   WirelessUSB EX Radio
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYWUSB6953 CYPRESS-CYWUSB6953 Datasheet
209Kb / 7P
   WirelessUSB PRoC Flash Programmable MCU Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com