Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7766-1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7766-1
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766-1 Datasheet(HTML) 4 Page - Analog Devices

  AD7766-1 Datasheet HTML 1Page - Analog Devices AD7766-1 Datasheet HTML 2Page - Analog Devices AD7766-1 Datasheet HTML 3Page - Analog Devices AD7766-1 Datasheet HTML 4Page - Analog Devices AD7766-1 Datasheet HTML 5Page - Analog Devices AD7766-1 Datasheet HTML 6Page - Analog Devices AD7766-1 Datasheet HTML 7Page - Analog Devices AD7766-1 Datasheet HTML 8Page - Analog Devices AD7766-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7767
Rev. 0 | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL FILTER RESPONSE1
Group Delay
37/ODR
μs
Settling Time (Latency)
Complete settling
74/ODR
μs
Pass-Band Ripple
±0.005
dB
Pass Band
0.453 × ODR
Hz
−3 dB Bandwidth
0.49 × ODR
Hz
Stop Band Frequency
0.547 × ODR
Hz
Stop-Band Attenuation
100
dB
REFERENCE INPUT1
VREF+ Input Voltage
+2.4
2 × AVDD
V
DIGITAL INPUTS (Logic Levels)1
VIL
−0.3
0.3 × VDRIVE
V
VIH
0.7 × VDRIVE
VDRIVE + 0.3
V
Input Leakage Current
±1
μA/pin
Input Capacitance
5
pF
Master Clock Rate
1.024
MHz
Serial Clock Rate
1/t8
Hz
DIGITAL OUTPUTS1
Data Format
Serial 24 bits, twos complement (MSB
first)
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VDRIVE – 0.3
V
POWER REQUIREMENTS1
AVDD
± 5%
+2.5
V
DVDD
± 5%
+2.5
V
VDRIVE
+1.7
+2.5
+3.6
V
CURRENT SPECIFICATIONS
MCLK = 1.024 MHz
AD7767 (Operational Current)
128 kHz output data rate
AIDD
1.3
1.5
mA
DIDD
3.9
4.8
mA
IREF
0.35
0.425
mA
AD7767-1 (Operational Current)
64 kHz output data rate
AIDD
1.3
1.5
mA
DIDD
2.2
2.85
mA
IREF
0.35
0.425
mA
AD7767-2 (Operational Current)
32 kHz output data rate
AIDD
1.3
1.5
mA
DIDD
1.37
1.86
mA
IREF
0.35
0.425
mA
Static Current (MCLK Stopped)
For all devices
AIDD
0.9
1
mA
DIDD
1
93
μA
Power-Down Mode Current
For all devices
AIDD
0.1
6
μA
DIDD
1
93
μA
POWER DISSIPATION
MCLK = 1.024 MHz
AD7767 (Operational Power)
128 kHz output data rate
15
18
mW
AD7767-1 (Operational Power)
64 kHz output data rate
10.5
13
mW
AD7767-2 (Operational Power)
32 kHz output data rate
8.5
10.5
mW
1 Specifications for all devices, AD7767, AD7767-1, and AD7767-2.
2 See the Terminology section.


Similar Part No. - AD7766-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7766 AD-AD7766 Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
AD7766 AD-AD7766 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7766BRUZ AD-AD7766BRUZ Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
AD7766BRUZ AD-AD7766BRUZ Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7766BRUZ-1 AD-AD7766BRUZ-1 Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
More results

Similar Description - AD7766-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
   24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com