Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85454-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS85454-01
Description  DIFFERENTIAL-TO-LVDS MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85454-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS85454-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
85454AK-01
www.icst.com/products/hiperclocks.html
REV. B JUNE 16, 2006
2
Integrated
Circuit
Systems, Inc.
ICS85454-01
DUAL 2:1/1:2
DIFFERENTIAL-TO-LVDS MULTIPLEXER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. INPUT CONTROL FUNCTIONTABLE
s
t
u
p
n
I
l
o
r
t
n
o
C
e
d
o
M
A
L
E
SB
L
E
S
00
d
e
t
c
e
l
e
s
0
P
O
O
L
10
d
e
t
c
e
l
e
s
1
P
O
O
L
01
0
P
O
O
L
:
e
d
o
m
k
c
a
b
p
o
o
L
11
1
P
O
O
L
:
e
d
o
m
k
c
a
b
p
o
o
L
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
,
10
A
Q
n
,
0
A
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
4
,
31
A
Q
n
,
1
A
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
5B
N
It
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
6B
N
I
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
D
D
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
7B
L
E
St
u
p
n
In
w
o
d
ll
u
P
r
o
f
d
e
s
u
s
t
u
p
n
i
e
m
a
s
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
s
t
u
p
t
u
o
x
A
Q
r
o
f
n
i
p
t
c
e
l
e
S
.
t
u
p
n
i
B
N
I
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
t
u
p
t
u
o
B
Q
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
8D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
91
A
N
I
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
D
D
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
0
11
A
N
It
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
1
10
A
N
I
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
D
D
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
2
10
A
N
It
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
3
1V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
4
1A
L
E
St
u
p
n
In
w
o
d
ll
u
P
.
t
u
p
n
i
1
A
N
I
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
s
t
u
p
t
u
o
B
Q
r
o
f
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
0
A
N
I
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
6
1
,
5
1B
Q
,
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
5
.
7
3k
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
5
.
7
3k


Similar Part No. - ICS85454-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02 IDT-ICS8545AG-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LF RENESAS-ICS8545AG-02LF Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results

Similar Description - ICS85454-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
   12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
   12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
   12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com