Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32B35-33IND Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS32B35-33IND
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32B35-33IND Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS32B35-33IND Datasheet HTML 6Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 7Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 8Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 9Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 10Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 11Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 12Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 13Page - Maxim Integrated Products DS32B35-33IND Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
10
____________________________________________________________________
Operation
The
Block Diagram shows the main elements of the
DS32x35. The nine blocks can be grouped into six
functional groups: TCXO, power control, pushbutton
function, RTC, I2C interface, and FRAM. Their opera-
tions are described separately in the following sections.
32kHz TCXO
The temperature sensor, oscillator, and control logic
form the TCXO. The controller reads the output of the
on-chip temperature sensor and uses a lookup table to
determine the capacitance required, adds the aging
correction in the AGE register, and then sets the
capacitance selection registers. New values, including
changes to the AGE register, are loaded only when a
change in the temperature value occurs, or when a
user-initiated temperature conversion is completed.
The temperature is read on initial application of VCC
and once every 64 seconds afterwards while the
device is powered by either VCC or VBAT.
Power Control
This function is provided by a temperature-compensat-
ed voltage reference and a comparator circuit that
monitors the VCC level. When VCC is greater than VPF,
the part is powered by VCC. When VCC is less than VPF
but greater than VBAT, the RTC is powered by VCC. If
VCC is less than VPF and is less than VBAT, the device
is powered by VBAT. See Table 1.
The RTC can be accessed when the device is powered
by either VCC or VBAT. The FRAM is only accessible
when the device is powered by VCC. The FRAM must
not be accessed when VCC < VCC(MIN).
To preserve the battery, the first time VBAT is applied to
the device, the oscillator will not start up until VCC
exceeds VPF, or until a valid I2C address is written to the
part. Typical oscillator startup time is less than one sec-
ond. Approximately 2 seconds after VCC is applied, or a
valid I2C address is written, the device makes a temper-
ature measurement and applies the calculated correc-
tion to the oscillator. Once the oscillator is running, it
continues to run as long as a valid power source is avail-
able (VCC or VBAT), and the device continues to mea-
sure the temperature and correct the oscillator frequency
every 64 seconds.
Pushbutton Reset Function
The DS32x35 provides for a pushbutton switch to be con-
nected to the
RST output pin. When the device is not in a
reset cycle, it continuously monitors the
RST signal for a
low going edge. If an edge transition is detected, the
device debounces the switch by pulling
RST low. After
the internal timer has expired (PBDB), the device contin-
ues to monitor the
RST line. If the line is still low, the
device continuously monitors the line looking for a rising
edge. Upon detecting release, the device forces the
RST
pin low and holds it low for tRST.
RST is also used to indicate a power-fail condition.
When VCC is lower than VPF, an internal power-fail sig-
nal is generated, which forces the
RST pin low. When
VCC returns to a level above VPF, the RST pin is held
low for tREC to allow the power supply to stabilize. If the
oscillator is not running (see the
Power Control section)
when VCC is applied, tREC is bypassed and RST imme-
diately goes high. The state of
RST does not affect the
operation of the TCXO, I2C interface, FRAM, or RTC
functions.
Real-Time Clock
With the clock source from the TCXO, the RTC provides
seconds, minutes, hours, day, date, month, and year
information. The date at the end of the month is automati-
cally adjusted for months with fewer than 31 days, includ-
ing corrections for leap year. The clock operates in either
the 24-hour or 12-hour format with an
AM/PM indicator.
The clock provides two programmable time-of-day
alarms and a programmable square-wave output. The
INT/SQW pin either generates an interrupt due to alarm
condition or outputs a square-wave signal and the
selection is controlled by the bit INTCN.
I2C Interface
The FRAM I2C interface is accessible whenever VCC is
at a valid level. The RTC I2C interface is accessible
whenever either VCC or VBAT is at a valid level. If a
microcontroller connected to the device resets because
of a loss of VCC or other event, it is possible that the
microcontroller and the RTC I2C communications could
become unsynchronized, e.g., the microcontroller resets
while reading data from the RTC. When the microcon-
troller resets, the RTC I2C interface may be placed into
a known state by toggling SCL until SDA is observed to
be at a high level. At that point the microcontroller
should pull SDA low while SCL is high, generating a
START condition.
SUPPLY CONDITION
ACTIVE
SUPPLY
FRAM
ACCESS*
RTC
ACCESS
VCC < VPF, VCC < VBAT
VBAT
No
Yes
VCC < VPF, VCC > VBAT
VCC
No
Yes
VCC > VPF, VCC < VBAT
VCC
Yes
Yes
VCC > VPF, VCC > VBAT
VCC
Yes
Yes
Table 1. Device Operation
*
Read/write access is not inhibited by the device, but must not
be done to avoid FRAM data errors.


Similar Part No. - DS32B35-33IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32B35-33IND MAXIM-DS32B35-33IND Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
More results

Similar Description - DS32B35-33IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com