Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS873990 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS873990
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS873990 Datasheet HTML 2Page - Integrated Circuit Systems ICS873990 Datasheet HTML 3Page - Integrated Circuit Systems ICS873990 Datasheet HTML 4Page - Integrated Circuit Systems ICS873990 Datasheet HTML 5Page - Integrated Circuit Systems ICS873990 Datasheet HTML 6Page - Integrated Circuit Systems ICS873990 Datasheet HTML 7Page - Integrated Circuit Systems ICS873990 Datasheet HTML 8Page - Integrated Circuit Systems ICS873990 Datasheet HTML 9Page - Integrated Circuit Systems ICS873990 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
6
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
TABLE 5. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
0
15
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
l
e
v
e
L
e
v
i
r
D
1W
m
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
42.3°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device. These
ratings are stress specifications only. Functional operation of
product at these conditions or any conditions beyond those listed
in the
DC Characteristics or AC Characteristics is not implied.
Exposure to absolute maxi-mum rating conditions for extended
periods may affect product reliability.
TABLE 4B. LVPECL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
L
E
S
_
C
N
Y
S
,
L
E
S
_
F
E
R
,
N
E
_
L
L
P
,
2
B
F
:
0
B
F
_
L
E
S
F
L
E
S
_
O
C
V
,
R
M
,
3
:
0
L
E
S
F
2V
C
C
3
.
0
+V
K
L
C
_
T
S
E
T2
V
C
C
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
L
E
S
_
C
N
Y
S
,
L
E
S
_
F
E
R
,
N
E
_
L
L
P
,
2
B
F
:
0
B
F
_
L
E
S
F
L
E
S
_
O
C
V
,
R
M
,
3
:
0
L
E
S
F
3
.
0
-8
.
0V
K
L
C
_
T
S
E
T3
.
0
-3
.
1V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IV
C
C
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
u
p
n
It
n
e
r
r
u
C
w
o
LV
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=5
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
C
C
4
.
1
-V
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
,
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
C
C
0
.
2
-V
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
.
V
2
-
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3
V
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
5
1A
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5
1A
m
I
O
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5
9A
m


Similar Part No. - ICS873990

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LF IDT-ICS873991AY-147LF Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LFT IDT-ICS873991AY-147LFT Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
More results

Similar Description - ICS873990

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843N001I IDT-843N001I Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
logo
Renesas Technology Corp
873991 RENESAS-873991 Datasheet
532Kb / 19P
   LOW VOLTAGE, LVCMOS/ LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8/25/15
873991-147 RENESAS-873991-147 Datasheet
530Kb / 21P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
8/25/15
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Renesas Technology Corp
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com