Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS873990 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS873990
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS873990 Datasheet HTML 4Page - Integrated Circuit Systems ICS873990 Datasheet HTML 5Page - Integrated Circuit Systems ICS873990 Datasheet HTML 6Page - Integrated Circuit Systems ICS873990 Datasheet HTML 7Page - Integrated Circuit Systems ICS873990 Datasheet HTML 8Page - Integrated Circuit Systems ICS873990 Datasheet HTML 9Page - Integrated Circuit Systems ICS873990 Datasheet HTML 10Page - Integrated Circuit Systems ICS873990 Datasheet HTML 11Page - Integrated Circuit Systems ICS873990 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
8
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT SKEW
OUTPUT RISE/FALL TIME
OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
V
EE
tsk(o)
nQx
Qx
nQy
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
-1.3V ± -0.165V
V
CC,
V
CCA
, V
CCO
MULTIPLE FREQUENCY SKEW
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
nQFB,
nQAx:nQDx
QFB,
QAx:QDx
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
QFB,
QAx:QDx
nQFB,
nQAx:nQDx
STATIC PHASE OFFSET
CYCLE-TO-CYCLE JITTER
tsk(
ω)
nQxx
Qxx
nQyy
Qyy
t(Ø)
V
OH
V
OL
V
OH
V
OL
TEST_CLK
QFB,
QAx:QDx
nQFB,
nQAx:nQDx


Similar Part No. - ICS873990

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LF IDT-ICS873991AY-147LF Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LFT IDT-ICS873991AY-147LFT Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
More results

Similar Description - ICS873990

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843N001I IDT-843N001I Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
logo
Renesas Technology Corp
873991 RENESAS-873991 Datasheet
532Kb / 19P
   LOW VOLTAGE, LVCMOS/ LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8/25/15
873991-147 RENESAS-873991-147 Datasheet
530Kb / 21P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
8/25/15
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Renesas Technology Corp
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com