Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85454AK-01LFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85454AK-01LFT
Description  DIFFERENTIAL-TO-LVDS MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85454AK-01LFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85454AK-01LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS85454AK-01LFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
85454AK-01
www.icst.com/products/hiperclocks.html
REV. B JUNE 16, 2006
1
Integrated
Circuit
Systems, Inc.
ICS85454-01
DUAL 2:1/1:2
DIFFERENTIAL-TO-LVDS MULTIPLEXER
0
1
0
1
LOOP0
LOOP1
GENERAL DESCRIPTION
The ICS85454-01 is a 2:1/1:2 Multiplexer and
a member of the HiPerClockSTM family of high
performance clock solutions from ICS. The 2:1
Multiplexer allows one of 2 inputs to be select-
ed onto one output pin and the 1:2 MUX
switches one input to both of two outputs. This device
may be useful for multiplexing multi-rate Ethernet PHYs
which have 100Mbit and 1000Mbit transmit/receive
pairs onto an optical SFP module which has a single
transmit/receive pair. Another mode allows loop back
testing and allows the output of a PHY transmit pair to be
routed to the PHY input pair. For examples, please refer to
the Application Information section of the data sheet.
The ICS85454-01 is optimized for applications requiring
very high performance and has a maximum operating
frequency in 2.5GHz. The device is packaged in a small,
3mm x 3mm VFQFN package, making it ideal for use on
space-constrained boards.
FEATURES
• Dual 2:1/1:2 MUX
• Three LVDS outputs
• Three differential inputs
• Differential inputs can accept the following differential
levels: LVPECL, LVDS, CML
• Loopback test mode available
• Maximum output frequency: 2.5GHz
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS: 0.05ps (typical)
• Propagation delay: 550ps (maximum)
• 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
ICS85454-01
16-Lead VFQFN
3mm x 3mm x 0.95 package body
K Package
Top View
QA0
nQA0
QA1
nQA1
INA0
nINA0
INA1
nINA1
1
2
3
4
12
11
10
9
5
6
7
8
16 15 14 13
INB
nINB
QB
nQB
INA0
nINA0
QA0
nQA0
INA1
nINA1
QA1
nQA1
SELA
SELB


Similar Part No. - ICS85454AK-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02 IDT-ICS8545AG-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LF RENESAS-ICS8545AG-02LF Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results

Similar Description - ICS85454AK-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
   12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
   12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
   12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com