Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS873990AYT Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS873990AYT
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990AYT Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS873990AYT Datasheet HTML 5Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 6Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 7Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 8Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 9Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 10Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 11Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 12Page - Integrated Circuit Systems ICS873990AYT Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
9
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
APPLICATION INFORMATION
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that gen-
erate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must
be used for functionality. These outputs are designed to drive
50
Ω transmission lines. Matched impedance techniques should
be used to maximize operating frequency and minimize signal
distortion.
Figures 3A and 3B show two different layouts which
are recommended only as guidelines. Other suitable clock lay-
outs may exist and it would be recommended that the board
designers simulate to guarantee compatibility across all printed
circuit and clock component process variations.
TERMINATION FOR 3.3V LVPECL OUTPUTS
FIGURE 3B. LVPECL OUTPUT TERMINATION
FIGURE 3A. LVPECL OUTPUT TERMINATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS873990 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA, and VCCO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 2 illustrates how
a 10
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 2. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC


Similar Part No. - ICS873990AYT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LF IDT-ICS873991AY-147LF Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LFT IDT-ICS873991AY-147LFT Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
More results

Similar Description - ICS873990AYT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843N001I IDT-843N001I Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
logo
Renesas Technology Corp
873991 RENESAS-873991 Datasheet
532Kb / 19P
   LOW VOLTAGE, LVCMOS/ LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8/25/15
873991-147 RENESAS-873991-147 Datasheet
530Kb / 21P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
8/25/15
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Renesas Technology Corp
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com