Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5950 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5950
Description  12V PWM Controller with Hot-Swap
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5950 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5950 Datasheet HTML 5Page - Maxim Integrated Products MAX5950 Datasheet HTML 6Page - Maxim Integrated Products MAX5950 Datasheet HTML 7Page - Maxim Integrated Products MAX5950 Datasheet HTML 8Page - Maxim Integrated Products MAX5950 Datasheet HTML 9Page - Maxim Integrated Products MAX5950 Datasheet HTML 10Page - Maxim Integrated Products MAX5950 Datasheet HTML 11Page - Maxim Integrated Products MAX5950 Datasheet HTML 12Page - Maxim Integrated Products MAX5950 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
12V PWM Controller with Hot-Swap
_______________________________________________________________________________________
9
STARTUP SEQUENCING (FIGURE 1)
MAX5950 toc23c
2ms/div
DCEN0 = DCENI1 =
STARTUP
5V/div
OUT1
1V/div
OUT3
1V/div
OUT2
1V/div
PWREN SWITCHING FROM HIGH TO LOW
PGI = PGOOD3
5V/div
CSTART = 1
µF
TRACKING (FIGURE 1)
MAX5950 toc23d
400
µs/div
DCEN0 - DCENI_ =
STARTUP_
5V/div
OUT1
1V/div
OUT3
1V/div
OUT2
1V/div
PWREN SWITCHING FROM HIGH TO LOW
PGOOD_
5V/div
STARTUP FAULT
MAX5950 toc24a
20ms/div
DCEN0 =
DCENI1 =
STARTUP_
5V/div
OUT1
1V/div
OUT3
SHORTED
TO PGND
2V/div
OUT2
2V/div
PWREN SWITCHING FROM HIGH TO LOW
PGI = PGOOD3
5V/div
0V
0V
0V
0V
0V
MAX5950 toc24b
40ms/div
DCEN0 =
DCENI1 =
STARTUP_
5V/div
VOUT1
1V/div
OUT3 SHORTED TO PGND
PGI = PGOOD3
1V/div
0V
0V
0V
0V
0V
PWREN SWITCHING FROM HIGH TO LOW
MPWRGD
2V/div
MPWRFLT
2V/div
STARTUP FAULT
OVERLOAD RESPONSE
MAX5950 toc25a
4
µs/div
IOUT1
2A/div
LX
10V/div
DL
10V/div
OUT1
1V/div
STARTUP
5V/div
0V
0V
0V
0V
0V
OVERLOAD RESPONSE (HICCUP MODE)
MAX5950 toc25b
400
µs/div
IOUT1
2A/div
LX
10V/div
DL
10V/div
OUT1
1V/div
STARTUP
5V/div
SHORT-CIRCUIT RESPONSE
MAX5950 toc26a
2
µs/div
VOUT1 SHORTED
TO PGND
1V/div
LX
10V/div
DL
5V/div
STARTUP
5V/div
SHORT-CIRCUIT RESPONSE
(HICCUP MODE)
MAX5950 toc26b
400
µs/div
OUT1
SHORTED
TO PGND
1V/div
IOUT1
2A/div
LX
10V/div
DL
10V/div
STARTUP
5V/div
Typical Operating Characteristics (continued)
(Typical Application Circuits. VIN = VPWM_IN = 12V, VDREG = VREG, VPGND = 0V, VSYNCIN = 0V, RRT = 49.9k
Ω, RILIM = 48.7kΩ, CREG
= 2.2µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5951ETJ MAXIM-MAX5951ETJ Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
MAX5952 MAXIM-MAX5952 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952AEAX++ MAXIM-MAX5952AEAX+ Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5950

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com