Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9524 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9524
Description  Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9524 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9524 Datasheet HTML 5Page - Maxim Integrated Products MAX9524 Datasheet HTML 6Page - Maxim Integrated Products MAX9524 Datasheet HTML 7Page - Maxim Integrated Products MAX9524 Datasheet HTML 8Page - Maxim Integrated Products MAX9524 Datasheet HTML 9Page - Maxim Integrated Products MAX9524 Datasheet HTML 10Page - Maxim Integrated Products MAX9524 Datasheet HTML 11Page - Maxim Integrated Products MAX9524 Datasheet HTML 12Page - Maxim Integrated Products MAX9524 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Standard-Definition Video Filter Amplifiers with
Dual SPST Switches
_______________________________________________________________________________________
9
Detailed Description
The MAX9517/MAX9524 consist of a lowpass filter and
an output amplifier capable of driving a standard 150Ω
video load to ground. The MAX9517 has an input buffer
and the MAX9524 has an input sync-tip clamp. The
MAX9517/MAX9524 both have two SPST analog
switches that can be used to route audio, video, or digi-
tal signals. The output amplifiers provide a fixed gain of
2V/V.
The MAX9517/MAX9524 filter and amplify the video
DAC output. External video signals, in which the DC
bias is usually not known, can be AC-coupled to the
MAX9524.
Input with DC Buffer (MAX9517)
The input of the MAX9517 can be directly connected to
the video source if the signal is approximately between
ground and 1V. This specification is commonly found at
the output of most video DACs.
DC-coupling requires that the input signals are ground
referenced so that the sync tip of composite or luma
signals is within 50mV of ground.
Input with Sync-Tip Clamp (MAX9524)
When the bias of the incoming video signal is either
unknown or not between ground and 1V (such as an
external video source), use the MAX9524 to connect
the video source through a 0.1µF capacitor.
The VIDIN input of the MAX9524 can only handle sig-
nals with a sync pulse, such as composite video and
luma. An internal sync-tip clamp sets the internal DC
level of the video signal.
Video Filter
The filter passband (±1dB) is typically 9MHz to make
the device suitable for standard-definition video signals
from all sources (including broadcast video and DVD).
Broadcast video signals are channel limited: NTSC sig-
nals have 4.2MHz bandwidth, and PAL signals have
5MHz bandwidth. Video signals from a DVD player,
however, are not channel limited; therefore, the band-
width of DVD video signals can approach the Nyquist
limit of 6.75MHz (recommendation ITU-R BT.601-5
specifies 13.5MHz as the sampling rate for standard-
definition video). Therefore, the maximum bandwidth of
the signal is 6.75MHz. To ease the filtering require-
ments, most modern video systems oversample by two
times, clocking the video current DAC at 27MHz.
Outputs
The video output amplifiers can both source and sink
load current, allowing output loads to be DC- or AC-
coupled. The amplifier output stage needs around
300mV of headroom from either supply rail. The parts
have an internal level shift circuit that positions the sync
tip at approximately 300mV at the output.
If the supply voltage is greater than 3.135V (5% below
a 3.3V supply), each amplifier can drive two DC-cou-
pled video loads to ground. If the supply is less than
3.135V, each amplifier can drive only one DC-coupled
or AC-coupled video load.
Shutdown
The MAX9517/MAX9524 draw less than 1µA supply
current when
SHDN is low. In shutdown, the amplifier
output becomes high impedance.
Applications Information
Reducing Power Consumption
in the Video DACs
The MAX9517/MAX9524 have high-impedance input
buffers that can work with source resistances as high
as 300Ω. To reduce power dissipation in the video
DACs, the DAC output resistor can be scaled up in
value. The reference resistor that sets the reference
current inside the video DACs must also be similarly
scaled up. For instance, if the output resistor is 37.5Ω,
the DAC must source 26.7mA when the output is 1V. If
the output resistor is increased to 300Ω, the DAC only
needs to source 3.33mA when the output is 1V.
There is parasitic capacitance from the DAC output to
ground. That capacitance in parallel with the DAC out-
put resistor forms a pole that can potentially roll off the
frequency response of the video signal. For example,
300Ω in parallel with 50pF creates a pole at 10.6MHz.
To minimize this capacitance, reduce the area of the
signal trace attached to the DAC output as much as
possible, and place the MAX9517/MAX9524 as close
as possible to the video DAC outputs.
_______________________________________________________________________________________
9
IN_
SWITCH STATE
0
OFF
1ON
Table 1. Logic for Analog Switches
SPST Analog Switches


Similar Part No. - MAX9524

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9524ATC++ MAXIM-MAX9524ATC+ Datasheet
129Kb / 6P
   MAX9517/MAX9524 Evaluation Kits
Rev 0; 3/07
MAX9524EVKIT++ MAXIM-MAX9524EVKIT+ Datasheet
129Kb / 6P
   MAX9517/MAX9524 Evaluation Kits
Rev 0; 3/07
More results

Similar Description - MAX9524

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501EVKIT MAXIM-MAX11501EVKIT Datasheet
141Kb / 7P
   Standard-Definition Television Video Filter
Rev 0; 9/07
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com