Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPF670-3 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPF670-3
Description  Fiber Optic Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF670-3 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPF670-3 Datasheet HTML 1Page - OPTEK Technologies OPF670-3 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1 01/07
Page 1 of 2
Fiber Optic Transmitter
OPF670 Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Description:
The OPF670 series fiber optic transmitters are high performance devices packaged for data communication links.
These transmitters are an 850 nm GaAlAs LED and are specifically designed to efficiently launch optical power
into either 50/125µm or 62.5/125µm diameter multimode fiber. Three power ranges are offered, which allows the
designer to select a device best suited for the application.
The OPF670 is offered a low cost TO package with a plastic lens cap. The device is designed to be active aligned
into a connector receptacle.
Features:
Low cost 850 nm LED technology
Low cost TO package with electrically isolated plastic cap
High thermal stability
High optical coupling efficiency to multimode fiber
Industrial temperature range
RoHS
Ordering Information
Part Number
LED Peak
Wavelength
PT50 (dBm)
Min
Tr, Tf (ns)
Typ / Max
OPF670-1
850nm
-17.5
8.0/10.0
OPF670-2
850nm
-16.0
8.0/10.0
OPF670-3
850nm
-14.5
8.0/10.0
Applications:
Industrial Ethernet equipment
Copper-to-fiber media conversion
Intra-system fiber optic links
Video surveillance systems
Pin Function
1
Anode
2
Cathode
3
Not Connected


Similar Part No. - OPF670-3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF670-1 TTELEC-OPF670-1 Datasheet
331Kb / 2P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF670-1 OPTEK-OPF670-1_14 Datasheet
331Kb / 2P
   Fiber Optic Transmitter
OPF670-2 OPTEK-OPF670-2 Datasheet
331Kb / 2P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF670-2 TTELEC-OPF670-2 Datasheet
331Kb / 2P
   Fiber Optic Transmitter
More results

Similar Description - OPF670-3

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com