Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7800 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7800
Description  Digital Correction Signal Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7800 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7800 Datasheet HTML 1Page - PMC-Sierra, Inc PM7800 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM7800
Preliminary
Digital Correction Signal Processor
PALADIN-10
PMC-2001613 (P1)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2000
FEATURES
• Digitial Adaptive Pre-Distortion for
wideband linearization of power
amplifiers in wireless basestations.
• Digitial Correction for Analog
Quadrature Modulation Distortion.
• Digital Soft Pre-compression for
efficiency management.
• Input Signal Bandwidth up to 10 MHz.
Sample rate up to 80 MHz.
• Programmable, variable input data
rate.
• 16-bit microprocessor bus interface for
adaptive control processor
compensation engine.
• Serial interface (configurable to SPI or
I2C operation) for update of power and
carrier values.
• 48 general-purpose IO pins, eight of
which are edge-triggered interrupt
sources.
• Standard five-signal IEEE 1149.1
JTAG test port for boundary scan
board test purposes.
PACKAGING
• Low-power 1.8 V CMOS core logic
with 3.3 V CMOS/TTL compatible
digital inputs and digital outputs.
• Industrial temperature range (-40 °C to
+85 °C).
• 304-pin SBGA with a body size of
31mm x 31mm.
APPLICATIONS
• Multi-carrier WCDMA Base
Transceiver Subsystems (BTS).
• CDMA2000 BTS (requires firmware
upgrade).
• GSM/TDMA/EDGE BTS (requires
firmware upgrade).
BLOCK DIAGRAM
PALADIN-10 Padring
PALADIN-10
SCS_N
SD
SCLK
HOP_N
RESET_N
VREF
REFCLK
DCLK
CPUCLK
VOBS
PALADIN-10 Core
Input Module
Pre-
Predistorter
Circuitry
Predistortion
Filter
Modulation
Circuitry
Capture
Module
CPU
Interface
JTAG
VD
GPIO


Similar Part No. - PM7800

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7830 PMC-PM7830 Datasheet
123Kb / 2P
   Baseband Radio Interface Controller
More results

Similar Description - PM7800

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
   LCD Signal Processor (Gamma Correction)
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com