Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9674AN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9674AN
Description  Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9674AN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9674AN Datasheet HTML 7Page - NXP Semiconductors PCA9674AN Datasheet HTML 8Page - NXP Semiconductors PCA9674AN Datasheet HTML 9Page - NXP Semiconductors PCA9674AN Datasheet HTML 10Page - NXP Semiconductors PCA9674AN Datasheet HTML 11Page - NXP Semiconductors PCA9674AN Datasheet HTML 12Page - NXP Semiconductors PCA9674AN Datasheet HTML 13Page - NXP Semiconductors PCA9674AN Datasheet HTML 14Page - NXP Semiconductors PCA9674AN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PCA9674_PCA9674A_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 October 2006
11 of 34
NXP Semiconductors
PCA9674/74A
Remote 8-bit I/O expander for Fm+ I2C-bus with interrupt
7.2.1 Software Reset
The Software Reset Call allows all the devices in the I2C-bus to be reset to the power-up
state value through a specific formatted I2C-bus command. To be performed correctly, it
implies that the I2C-bus is functional and that there is no device hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I2C-bus master.
2. The reserved General Call I2C-bus address ‘0000 000’ with the R/W bit set to 0 (write)
is sent by the I2C-bus master.
3. The PCA9674/74A device(s) acknowledge(s) after seeing the General Call address
‘0000 0000’ (00h) only. If the R/W bit is set to 1 (read), no acknowledge is returned to
the I2C-bus master.
4. Once the General Call address has been sent and acknowledged, the master sends
1 byte. The value of the byte must be equal to 06h.
a. The PCA9674/74A acknowledges this value only. If the byte is not equal to 06h, the
PCA9674/74A does not acknowledge it.
If more than 1 byte of data is sent, the PCA9674/74A does not acknowledge any
more.
5. Once the right byte has been sent and correctly acknowledged, the master sends a
STOP command to end the Software Reset sequence: the PCA9674/74A then resets
to the default value (power-up value) and is ready to be addressed again within the
specified bus free time. If the master sends a Repeated START instead, no reset is
performed.
The I2C-bus master must interpret a non-acknowledge from the PCA9674/74A (at any
time) as a ‘Software Reset Abort’. The PCA9674/74A does not initiate a reset of its
registers.
The unique sequence that initiates a Software Reset is described in Figure 11.
Fig 10. Device ID address
R/W
002aac116
1
1
1
1
1
0
0
Fig 11. Software Reset sequence
002aac262
0
0
0
0
0
0
0
A
S
0
SWRST Call I2C-bus address
START condition
R/W
acknowledge
from slave(s)
0
0
0
0
1
1
0
0
SWRST data = 06h
A
acknowledge
from slave(s)
P
PCA9674/74A is(are) reset.
Registers are set to default power-up values.


Similar Part No. - PCA9674AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9674A NXP-PCA9674A Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9674A NXP-PCA9674A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9674ABS NXP-PCA9674ABS Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9674AD NXP-PCA9674AD Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9674APW NXP-PCA9674APW Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
More results

Similar Description - PCA9674AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9674 NXP-PCA9674 Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCF8574T-3.518 NXP-PCF8574T-3.518 Datasheet
800Kb / 33P
   Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 5-27 May 2013
PCA8574 NXP-PCA8574 Datasheet
159Kb / 27P
   Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 02-14 May 2007
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
   Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
logo
ON Semiconductor
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com