Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6515AGHK Datasheet(PDF) 3 Page - Texas Instruments

Part # PCI6515AGHK
Description  Single Socket CardBus Controller with Dedicated Smart Card Socket
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6515AGHK Datasheet(HTML) 3 Page - Texas Instruments

  PCI6515AGHK Datasheet HTML 1Page - Texas Instruments PCI6515AGHK Datasheet HTML 2Page - Texas Instruments PCI6515AGHK Datasheet HTML 3Page - Texas Instruments PCI6515AGHK Datasheet HTML 4Page - Texas Instruments PCI6515AGHK Datasheet HTML 5Page - Texas Instruments PCI6515AGHK Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PCI6515AGHK
ACTIVE
BGA MI
CROSTA
R
GHK
257
TBD
Call TI
Call TI
PCI6515AZHK
ACTIVE
BGA MI
CROSTA
R
ZHK
257
90
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
16-Aug-2007
Addendum-Page 1


Similar Part No. - PCI6515AGHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI6515 TI-PCI6515 Datasheet
760Kb / 148P
[Old version datasheet]   SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
PCI6515GHK TI-PCI6515GHK Datasheet
760Kb / 148P
[Old version datasheet]   SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
PCI6515ZHK TI-PCI6515ZHK Datasheet
760Kb / 148P
[Old version datasheet]   SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
More results

Similar Description - PCI6515AGHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI6515 TI-PCI6515 Datasheet
760Kb / 148P
[Old version datasheet]   SINGLE SOCKET CARDBUS CONTROLLER WITH DEDICATED SMART CARD SOCKET
PCI6420 TI-PCI6420 Datasheet
818Kb / 160P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER WITH DEDICATED SD/MS-PRO SOCKETS
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PCI4515 TI-PCI4515 Datasheet
1Mb / 216P
[Old version datasheet]   SINGLE SOCKET CARDBUS CONTROLLER WITH INTEGRATED
PCI7621 TI-PCI7621 Datasheet
1Mb / 298P
[Old version datasheet]   DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PCI6621 TI-PCI6621 Datasheet
860Kb / 204P
[Old version datasheet]   DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
Texas Instruments
PCI7621 TI1-PCI7621_13 Datasheet
223Kb / 7P
[Old version datasheet]   Dual/Single Socket CardBus
PCI6621 TI1-PCI6621_08 Datasheet
224Kb / 6P
[Old version datasheet]   Dual/Single Socket CardBus
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com