Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4220PFBG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM4220PFBG4
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFBG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM4220PFBG4 Datasheet HTML 1Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 2Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 3Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 4Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 5Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 6Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 7Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 8Page - Texas Instruments PCM4220PFBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
PCM4220
FEATURES
APPLICATIONS
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling
Multi-Bit Delta-Sigma Analog-to-Digital Converter
• Digital High-Pass Filtering Removes DC Offset
• Supports Linear PCM Output Data
Left and Right Channel Filters May Be
Disabled Independently
Output Sampling Rates from 8kHz to
216kHz
• Audio Serial Port Interface
• Differential Voltage Inputs
Master or Slave Mode Operation
• On-Chip Voltage Reference Improves
Supports Left-Justified, I2S™, and TDM Data
Power-Supply Noise Rejection
Formats
• Dynamic Performance (24-bit word length)
• Output Word Length Reduction
Dynamic Range (–60dB input, A-weighted):
• Overflow Indicators for the Left and Right
123dB typical
Channels
Dynamic Range (–60dB input, 20kHz
• Analog Power Supply:
bandwidth): 121dB typical
+4.0V nominal
Total Harmonic Distortion + Noise
• Digital Power Supply:
(–1dB input, 20kHz bandwidth):
+3.3V nominal
–108dB typical
• Power-Down Mode: 4mW typical
Channel Separation: 135dB
• Package: TQFP-48, RoHS compliant
• Low Power Dissipation:
305mW typical for 48kHz sampling rate
• Digital Audio Recorders and
330mW typical for 96kHz sampling rate
Mixing Desks
340mW typical for 192kHz sampling rate
• Digital Live Sound Consoles
• Linear Phase Digital Decimation Filtering
• Digital Audio Effects Processors
Select from Classic or Low Group Delay
• Surround Sound Encoders
Filter Responses
• Broadcast Studio Equipment
Low Passband Ripple
• Data Acquisition and
Classic:
±0.00015dB
Measurement Systems
Low Group Delay:
±0.001dB
• Audio Test Systems
• Sonar
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Windows is a registered trademark of Microsoft.
I2S is a trademark of NXP Semiconductor.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM4220PFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4220PFBG4 TI-PCM4220PFBG4 Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
More results

Similar Description - PCM4220PFBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220_15 Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
logo
Burr-Brown (TI)
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com