Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB818 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB818
Description  SLOTTED OPTICAL SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB818 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB818 Datasheet HTML 1Page - OPTEK Technologies OPB818 Datasheet HTML 2Page - OPTEK Technologies OPB818 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
01/07
Page 1 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB818
Features:
Choice of aperture
Choice of opaque or IR transmissive shell material
Non-contact switching
Mounts directly to PCBoard or dual-in-line socket
0.400” (10.16 mm) lead spacing
0.200” (5.08 mm) slot width. 0.250” (6.35 mm) slot depth
Product Photo Here
RoHS
1
3
2
4
Description:
The OPB818 slotted switch consists of an infrared emitting diode and an NPN silicon phototransistor mounted in a
low-cost black plastic housing on opposite sides of a 0.200” (5.080 mm) wide slot. Switching of the phototransistor
occurs whenever an opaque object passes through the slot.
The OPB818Z is designed for direct soldering into PCBoards or for mounting in standard dual-in-line sockets and
has an 0.25” (6.35 mm) deep and 0.20” (5.08 mm) wide slot. The apertures are 0.06” (1.52 mm) in diameter on
both the sensor side (“S”) as well as on the emitter side (“E”).
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Ordering Information
OPB818
Slotted Optical Switch
(mounts directly to PCBoards
or to dual-in-line socket)
Part
Number
Description
Applications:
Non-contact object sensing
Assembly line automation
Machine automation
Equipment security
Machine safety
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
Pin # Description Pin #
Description
1
Anode
3
Collector
2
Cathode
4
Emitter


Similar Part No. - OPB818

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
   SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results

Similar Description - OPB818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com